Electronic Components Datasheet Search
  English  ▼

X  

202XM Datasheet(PDF) 66 Page - List of Unclassifed Manufacturers

Part # 202XM
Description  E-Z-Hook is dedicated to providing quality parts, delivered on-time at reasonable prices
PDF  122 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

202XM Datasheet(HTML) 66 Page - List of Unclassifed Manufacturers

Back Button 202XM Datasheet HTML 62Page - List of Unclassifed Manufacturers 202XM Datasheet HTML 63Page - List of Unclassifed Manufacturers 202XM Datasheet HTML 64Page - List of Unclassifed Manufacturers 202XM Datasheet HTML 65Page - List of Unclassifed Manufacturers 202XM Datasheet HTML 66Page - List of Unclassifed Manufacturers 202XM Datasheet HTML 67Page - List of Unclassifed Manufacturers 202XM Datasheet HTML 68Page - List of Unclassifed Manufacturers 202XM Datasheet HTML 69Page - List of Unclassifed Manufacturers 202XM Datasheet HTML 70Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 66 / 122 page
background image
PIN PPLUGS AAND SSOCKETS
STANDARD ..080”(2.03mm) PPIN
Part No. Description
9201
Standard .080”(2.03mm) Pin
Construction: Nylon handle. Nickel-plated brass body. Solderless assembly.
Colors: Available in 10 colors. See inside back cover for details.
STACKING ..080”(2.03mm) PPIN
Part No. Description
9204
Stacking .080”(2.03mm) Pin
Construction: Nylon handle. Nickel-plated brass body. Solderless assembly.
Colors: Available in 10 colors. See inside back cover for details.
Part No. Description
9258
Slimline (.275”/7mm O.D.) .080” (2.03mm) Pin
Construction: Delrin handle. Nickel-plated brass body. Solderless assembly.
Colors: Available in black, red and white.
.080”(2.03mm) PPIN FFOR HHEAVY W
WIRE
Part No. Description
9250
.080” (2.03mm) Pin for Heavy Wire
Construction: Plastic handle. Nickel-plated brass body. Solderless assembly.
Colors: Available in red and black.
.080”(2.03mm) SSTACKING PPIN FFOR HHEAVY W
WIRE
Part No. Description
9259
Slimline (.31”/7.8mm O.D.) Stacking .080” Pin
Construction: Plastic handle. Nickel-plated brass body. Beryllium copper internal
socket spring. Snap together solderless assembly.
Colors: Available in 10 colors. See inside back cover for details.
Construction: Plastic
handle. Nickel-plated
brass body. Solder
assembly.
Colors: Available in
red and black.
.080” ((2.03mm)
METER PPIN
Part No. Description
9207
Meter Pin Plug
Part No.
Description
9265
.025” (.635mm) Square Pin
9265-HHS Square Pin with .75” (19mm) Heat Shrink Sleeve
Construction: Gold-plated brass body. Crimp assembly.
.025”(.635mm) SSQUARE SSOCKET
Part No.
Description
9205
.025” Square Socket
9205-HHS Square Socket with .75” (19mm) Heat Shrink Sleeve
Construction: Brass body. Gold-plated beryllium copper spring. Crimp assembly.
STANDARD ..080”(2.03mm) TTIP SSOCKET
Part No. Description
9211
Standard .080” (2.03mm) Tip Socket
Construction: Nylon handle. Silver-plated beryllium copper contact spring. Solder
Assembly.
Colors: Available in 10 colors. See inside back cover for details.
SLIMLINE ..080”(2.03mm) PPIN W
WITH ..275” ((7mm) DDIAMETER BBODY
63
.025”(.635mm) SSQUARE PPIN
Orrderr DDesk: 11 ((800) 9995-HHOOK
with
heat
shrink
without
heat
shrink
with
heat
shrink
without
heat
shrink
FEMALE 66-332 TTHREAD
Part No. Description
9212
Female 6-32 Thread
Construction: Insulator is heat shrink tubing. Steel spring thread. Solder assembly.
Colors: Available in red and black.
FEMALE 66-332 TTHREAD TTO PPHONO N
NEEDLE PPOINT
Part No. Description
8035
Female 6-32
Thread on
Phono Needle
Point
Construction: Insulator is heat shrink tubing. Contact point and 6-32 thread are both
nickel-plated steel.
Colors: Available in red and black.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com