Electronic Components Datasheet Search
  English  ▼

X  

202XM Datasheet(PDF) 37 Page - List of Unclassifed Manufacturers

Part # 202XM
Description  E-Z-Hook is dedicated to providing quality parts, delivered on-time at reasonable prices
PDF  122 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

202XM Datasheet(HTML) 37 Page - List of Unclassifed Manufacturers

Back Button 202XM Datasheet HTML 33Page - List of Unclassifed Manufacturers 202XM Datasheet HTML 34Page - List of Unclassifed Manufacturers 202XM Datasheet HTML 35Page - List of Unclassifed Manufacturers 202XM Datasheet HTML 36Page - List of Unclassifed Manufacturers 202XM Datasheet HTML 37Page - List of Unclassifed Manufacturers 202XM Datasheet HTML 38Page - List of Unclassifed Manufacturers 202XM Datasheet HTML 39Page - List of Unclassifed Manufacturers 202XM Datasheet HTML 40Page - List of Unclassifed Manufacturers 202XM Datasheet HTML 41Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 122 page
background image
TEST PPROBE O
ONLY ((No LLead)
Model 32/36
.060” (1.524mm) phono needle tip,1/4-32 thd. assembly,solder connection.
Probe model numbers 32 and 36 have a removable tip.
.060”replacement tip part number is 8208.
Model 33/37
.080”(2.03mm) pin tip, 1/4-32 thd. assembly, solderless connection.
COLORS: Red or black.
Part No.
Description
32-(color) .060” Standard Needle Probe
33-(color) .080” Standard Tip Probe
36-(color) .060” Std. Needle Tip Probe w/ Std. Banana Socket
37-(color) .080” Std. Tip Probe w/ Std. Banana Socket
PROBES
Part No.
Description
30-(color) Standard Pin Tip Probe
31-(color) Std. Pin Tip Probe w/ Std. Banana Socket
34-(color) Standard Needle Tip Probe
35-(color) Std. Needle Tip Probe w/ Std. Banana Socket
TEST PPROBE O
Only ((No LLead):
Model 30/31
.080” (2mm) x .350” (8.9mm) pin tip mounted in removable press fit plastic front
section. Tapered plastic E-Z-Grip handle with finger rest flange.
Model 34/35
.080” (2mm) x .450” (11.4mm) needle tip mounted in removable press fit plastic
front section. Tapered plastic E-Z-Grip handle with finger rest flange.
CRIMP TTYPE LLEAD W
WIRE SSTRAIN RRELIEF SSUPPLIED W
WITH W
WIRED AASSEMBLIES.
COLORS: Red, black, blue & green.
HAND-HHELD TTEST PPROBE
34
www.e-zz-hhooook.coom
m
PROBE
MODEL 332
PROBE
MODEL 333
PROBE
MODEL 330
HAND-HHELD TTEST PPROBE
PROBE
MODEL 334



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com