Electronic Components Datasheet Search
  English  ▼

X  

202XM Datasheet(PDF) 44 Page - List of Unclassifed Manufacturers

Part # 202XM
Description  E-Z-Hook is dedicated to providing quality parts, delivered on-time at reasonable prices
PDF  122 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

202XM Datasheet(HTML) 44 Page - List of Unclassifed Manufacturers

Back Button 202XM Datasheet HTML 40Page - List of Unclassifed Manufacturers 202XM Datasheet HTML 41Page - List of Unclassifed Manufacturers 202XM Datasheet HTML 42Page - List of Unclassifed Manufacturers 202XM Datasheet HTML 43Page - List of Unclassifed Manufacturers 202XM Datasheet HTML 44Page - List of Unclassifed Manufacturers 202XM Datasheet HTML 45Page - List of Unclassifed Manufacturers 202XM Datasheet HTML 46Page - List of Unclassifed Manufacturers 202XM Datasheet HTML 47Page - List of Unclassifed Manufacturers 202XM Datasheet HTML 48Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 122 page
background image
MODULAR O
OSCILLOSCOPE PPROBES
MODEL
ATTEN
CABLE
INPUT
INPUT **1
BW
MAX
COMP
READOUT
+ 33%
METERS
RES M
M
CAP ppF
MHz
INPUT VV
RANGE ppF
90-1-1
X1
1.5
1
<43.0
20
600
90-1-2
X1
2.0
1
<60.0
12
600
90-1-3
X1
3.0
1
<80.0
8
600
90-10-1
X10
1.5
10
<13.0
250
600
10-60
NO
90-10-2
X10
2.0
10
<14.0
200
600
10-60
NO
90-10-3
X10
3.0
10
<17.5
100
600
10-60
NO
90-10-1-R
X10
1.5
10
<13.0
250
600
10-60
YES
90-10-2-R
X10
2.0
10
<14.0
200
600
10-60
YES
90-10-3-R
X10
3.0
10
<17.5
100
600
10-60
YES
90-10-1-H
X10
1.5
10
<13.0
300
600
10-60
NO
90-10-2-H
X10
2.0
10
<14.0
250
600
10-60
NO
90-10-3-H
X10
3.0
10
<17.5
150
600
10-60
NO
90-10-1-HR
X10
1.5
10
<13.0
300
600
10-60
YES
90-10-2-HR
X10
2.0
10
<14.0
250
600
10-60
YES
90 -SW- 1
X10
1.5
10
<13.5
250
600
10-60
NO
X1
1
<59.0
8
90 -SW- 2
X10
2.0
10
<14.5
200
600
10-60
NO
X1
1
<72.0
6
90 -SW- 3
X10
3.0
10
<18.5
100
600
10-60
NO
X1
1
<95.0
5
90-100-2
X100
2.0
10
<5.0
250
600
15-40
NO
90-100-2-A
X100
2.0
10
<5.0
250
600
15-40
YES
The above supplied with Accessory KKit 990-00010 consisting of:
Sprung hook
95-0001
BNC adapter
95-0006
I.C. tip
95-0002
Insulating tip
95-0003
Trimmer tool
95-0007
6" Ground lead
95-0004
Probe tip .055"
90-0005
Probe tip .030"
90-0008
Note: A) 12" Ground lead 95-0005 is available as a spare. B) When ordering spares for the above probes please reference the part
number and whether you require the probe head, compensation box, or cable assembly.
- Use with any scope
- Bandwidth D.C. to 300 MHz
- 1.2 Nano second rise time and less than 3
percent overshoot insures precise
measurement
- Range includes X1, X10 attenuation
- Switchable X1, X10 attenuation
- Available with actuator pin for scopes with
readout feature
- Replaceable tip
41
Orrderr DDesk: 11 ((800) 9995-HHOOK



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com