Electronic Components Datasheet Search
  English  ▼

X  

202XM Datasheet(PDF) 48 Page - List of Unclassifed Manufacturers

Part # 202XM
Description  E-Z-Hook is dedicated to providing quality parts, delivered on-time at reasonable prices
PDF  122 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

202XM Datasheet(HTML) 48 Page - List of Unclassifed Manufacturers

Back Button 202XM Datasheet HTML 44Page - List of Unclassifed Manufacturers 202XM Datasheet HTML 45Page - List of Unclassifed Manufacturers 202XM Datasheet HTML 46Page - List of Unclassifed Manufacturers 202XM Datasheet HTML 47Page - List of Unclassifed Manufacturers 202XM Datasheet HTML 48Page - List of Unclassifed Manufacturers 202XM Datasheet HTML 49Page - List of Unclassifed Manufacturers 202XM Datasheet HTML 50Page - List of Unclassifed Manufacturers 202XM Datasheet HTML 51Page - List of Unclassifed Manufacturers 202XM Datasheet HTML 52Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 122 page
background image
Part No. Description
9468
Large
Alligator Clip
to Banana
Socket,
Accepts Std.
or Shrouded
Plugs
Construction: Insulator is molded nylon. Alligator jaws and banana socket
are formed steel nickel plated. (IEC 1010 compliant)
Colors: Available in 10 colors.
Part No. Description
9433
Alligator
Clip to
Ban. Skt,
Accepts
Shrouded
or Std.
Ban. Plugs
Construction: Insulator is molded nylon. Alligator jaws and banana socket
are formed steel nickel plated. IEC 1010 rating: 1000 Volts Cat III, 30 amps.
Colors: Black, red, green, blue, yellow, white.
Part No. Description
9431
Small Fully
Insulated Alligator
Clip to Ban. Skt,
Accepts Retractable
Shrouded or Std.
Banana Plugs
Construction: Insulator is molded nylon. Alligator jaws and banana socket
are formed steel nickel plated. IEC 1010 rating: 1000 Volts Cat III, 30 amps.
Colors: Black, red, green, blue, yellow, white.
FULLY IINSULATED LLARGE AALLIGATOR W
WITH FFINGER FFLANGES TTO
BANANA SSOCKET, AACCEPTS SSHROUDED BBANANA PPLUGS
ALLIGATOR CLIPS
45
Construction: Insulator is molded nylon. Alligator jaws and banana socket
are formed steel nickel plated. IEC 1010 rating: 1000 Volts Cat III, 30 amps.
Colors: Black, red, green, blue, yellow, white.
Orrderr DDesk: 11 ((800) 9995-HHOOK
Part No. Description
8014
.080” Tip Skt
on Standard
Alligator Clip
Part No. Description
8015
.080” Tip Skt
on Miniature
Alligator Clip
Construction: Insulator is molded PVC. Alligator jaws are nickel-plated steel.
.080” socket is machined brass nickel plated. Contact spring is silver plated
beryllium copper.
Colors: Available in all 10 colors.
FEMALE 88-332 TTHREAD TTO SSTANDARD AALLIGATOR CCLIP
Part No. Description
8047
Standard
Alligator to
Female 8-32
Thread
Construction: Insulator is molded PVC. Alligator jaws and 8-32 female
thread are nickel-plated steel.
Colors: Available in 10 colors.
Part No. Description
8040
Miniature
Alligator to
Female 6-32
Thread
Construction: Insulator is molded PVC. Alligator jaws and 8-32 female
thread are nickel-plated steel.
Colors: Available in all 10 colors.
STANDARD AALLIGATOR CCLIP SSOLDERLESS AASSEMBLY W
WITH
INSULATION SSLEEVE
Part No. Description
9288
Standard
Alligator
Solderless
Assembly
Part No. Description
8017
Standard
Banana Skt on
Miniature
Alligator Clip
Construction: Insulator (banana socket only) is molded nylon. Alligator jaws
are nickel-plated steel. Banana socket is a nickel plated brass.
Colors: Available in all 10 colors.
STANDARD ..080” ((2.03mm) TTIP SSOCKET TTO SSTANDARD
ALLIGATOR CCLIP
STANDARD ..080” ((2.03mm) TTIP SSOCKET TTO M
MINIATURE
ALLIGATOR CCLIP
FEMALE 66-332 TTHREAD TTO M
MINIATURE AALLIGATOR CCLIP
STANDARD BBANANA SSOCKET TTO M
MINIATURE AALLIGATOR CCLIP
1000 VVOLT IINSULATED ALLIGATOR CLIP, AACCEPTS SSHROUDED
BANANA PPLUGS
FULLY IINSULATED LLARGE AALLIGATOR W
WITH FFINGER FFLANGES TTO
BANANA SSOCKET, AACCEPTS SSHROUDED BBANANA PPLUGS
SMALL FULLY IINSULATED ALLIGATOR CLIP, AACCEPTS SSHROUDED
BANANA PPLUGS
Construction: Nickel-plated steel. Insulation sleeve is molded tenite acetate.
Colors: Available in red and black.
Part No. Description
9432
Small Fully
Insulated
Alligator Clip
to Ban. Skt,
Accepts Shrd.
or Standard
Banana Plugs
Construction: Insulator is molded PVC. Alligator jaws are nickel-plated
steel. .080” socket is machined brass nickel plated. Contact spring is silver
plated beryllium copper.
Colors: Available in 10 colors.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com