Electronic Components Datasheet Search
  English  ▼

X  

202XM Datasheet(PDF) 97 Page - List of Unclassifed Manufacturers

Part # 202XM
Description  E-Z-Hook is dedicated to providing quality parts, delivered on-time at reasonable prices
PDF  122 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

202XM Datasheet(HTML) 97 Page - List of Unclassifed Manufacturers

Back Button 202XM Datasheet HTML 93Page - List of Unclassifed Manufacturers 202XM Datasheet HTML 94Page - List of Unclassifed Manufacturers 202XM Datasheet HTML 95Page - List of Unclassifed Manufacturers 202XM Datasheet HTML 96Page - List of Unclassifed Manufacturers 202XM Datasheet HTML 97Page - List of Unclassifed Manufacturers 202XM Datasheet HTML 98Page - List of Unclassifed Manufacturers 202XM Datasheet HTML 99Page - List of Unclassifed Manufacturers 202XM Datasheet HTML 100Page - List of Unclassifed Manufacturers 202XM Datasheet HTML 101Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 97 / 122 page
background image
Stacking Double Banana Plug to Cable Only-No Interface
Cable With Part No. 9274 Standard Alligator Ground
Cable with X100W Ground
Cable With Part No. 9274 Standard Alligator Ground
Cable with XM Ground
Cable With Part No. 9275 Miniature Alligator Ground
STACKING DDOUBLE BBANANA PPLUG TTO CCABLE O
ONLY
Part No.
Cable
Part No.
Cable
1252-(lgth)
RG58C/U
6252-(lgth)
RG62B/U
2252-(lgth)
MIC
3252-(lgth)
Twst. Pair
Part No.
Cable
Center
Ground
1051XM-(Igth) RG58C/U
XM
Mini Allig.
2051XM-(Igth)
MIC
XM
Mini Allig.
3051XM-(Igth) Twst. Pair
XM
Mini Allig.
4051XM-(Igth) RG174U
XM
Mini Allig.
Part No.
Cable
Center
Ground
1050XM-(Igth) RG58C/U
XM
XM
2050XM-(Igth)
MIC
XM
XM
3050XM-(Igth) Twst. Pair
XM
XM
4050XM-(Igth) RG174U
XM
XM
Part No.
Cable
Center
Ground
1050-(Igth)
RG58C/U
X100W
X100W
2050-(Igth)
MIC
X100W
X100W
3050-(Igth)
Twst. Pair
X100W
X100W
MICRO-HHOOK XXM CCABLES
Cable with X100W Ground
Part No.
Cable
Center
Ground
1051XL1-(Igth) RG58C/U
XL1
Std. Allig.
2051XL1-(Igth)
MIC
XL1
Std. Allig
3051XL1-(Igth) Twst. Pair
XL1
Std. Allig.
Part No.
Cable
Center
Ground
1050XL1-(Igth) RG58C/U
XL1
X100W
2050XL1-(Igth)
MIC
XL1
X100W
3050XL1-(Igth) Twst. Pair
XL1
X100W
STACKING DDOUBLE BBANANA PPLUG CCOAXIAL TTEST CCABLES
COLOR (STANDARD): RED = CENTER BLACK = GROUND
COLOR CCODING: The red connector may be replaced with any of
the other 9 available colors: black, brown, orange, yellow, green,
blue, violet, gray or white. Specify desired color after complete part
no. A matching color band will be supplied at the interface end.
CABLE LLENGTH: Desired length must be specified in inches to make
a complete part number.
SPECIFY CABLE LENGTH IN INCHES
Inches
Metric
Inches
Metric
Inches
Metric
18”
45cm
30”
75cm
48”
120cm
24”
60cm
36”
90cm
60”
150cm
STACKING DDOUBLE BBANANA TTO SSTACKING DDOUBLE BBANANA
Part No.
Cable
Center
Ground
1051-(lgth)
RG58C/U
X100W Std. Allig.
2051-(lgth)
MIC
X100W Std. Allig.
3051-(lgth)
Twst. Pair
X100W Std. Allig.
Red XM Center
Black XM Ground
Red X100W Center
Black X100W Ground
Red XL1 Center
Black X100W Ground
75cm
90cm
120cm
150cm
30”
36”
48”
60”
6”
12”
18”
24”
15cm
30cm
45cm
60cm
Standard Lengths Available:
MINI-HHOOK XX100W CCABLES
MINI-HHOOK XXL CCABLES
94
DB750 SSTACKING DDOUBLE BBANANA PPLUG
www.e-zz-hhooook.coom
m
Part No.
Cable
1056-(length) RG58C/U
2056-(length)
MIC
3056-(length) Twisted Pair



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com