Electronic Components Datasheet Search
  English  ▼

X  

202XM Datasheet(PDF) 81 Page - List of Unclassifed Manufacturers

Part # 202XM
Description  E-Z-Hook is dedicated to providing quality parts, delivered on-time at reasonable prices
PDF  122 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

202XM Datasheet(HTML) 81 Page - List of Unclassifed Manufacturers

Back Button 202XM Datasheet HTML 77Page - List of Unclassifed Manufacturers 202XM Datasheet HTML 78Page - List of Unclassifed Manufacturers 202XM Datasheet HTML 79Page - List of Unclassifed Manufacturers 202XM Datasheet HTML 80Page - List of Unclassifed Manufacturers 202XM Datasheet HTML 81Page - List of Unclassifed Manufacturers 202XM Datasheet HTML 82Page - List of Unclassifed Manufacturers 202XM Datasheet HTML 83Page - List of Unclassifed Manufacturers 202XM Datasheet HTML 84Page - List of Unclassifed Manufacturers 202XM Datasheet HTML 85Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 81 / 122 page
background image
M
MAATTEERRIIAALLSS
HOUSING AND
FITTINGS............................................BRASS
INSULATOR......................................TEFLON
CENTER CONTACT.........BERYLLIUM COPPER
FFIIN
NIISSHH
FITTINGS......................................TRI METAL
TARNISH.......................RESISTANT PLATING
CONTACT...............................SILVER PLATED
EELLEECCTTRRIICCAALL
NOMINAL IMP................................50 OHMS
FREQ. RANGE..........................DC to 11 GHz
VOLTAGE RATING.......................1000 VRMS
“N” SSERIES CCONNECTORS
M
MAATTEERRIIAALLSS
HOUSING AND
FITTINGS...........................................BRASS
INSULATOR....................................TEFLON
CENTER CONTACT.........BERYLLIUM COPPER
FFIIN
NIISSHH
FITTINGS........................TRI METAL TARNISH
RESISTANT PLATING
CONTACTS.............................SILVER PLATED
EELLEECCTTRRIICCAALL
FREQ. RANGE...........................DC to 11 GHz
VOLTAGE RATING........................1000 VRMS
M
MAATTEERRIIAALLSS
HOUSING AND
FITTINGS...........................................BRASS
INSULATOR.....................................TEFLON
CENTER CONTACT........BERYLLIUM COPPER
FFIIN
NIISSHH
HOUSING AND
FITTINGS.......................TRI METAL TARNISH
CONTACT..............................SILVER PLATED
EELLEECCTTRRIICCAALL
NOMINAL IMP.............................. 50 OHMS
FREQ. RANGE .......................DC to 11 GHz
VOLTAGE RATING.......................1000 VRMS
M
MAATTEERRIIAALLSS
HOUSING AND
FITTINGS............................................BRASS
INSULATOR.......................................TEFLON
CENTER CONTACT.........BERYLLIUM COPPER
FFIIN
NIISSHH
HOUSING AND
FITTINGS........................TRI METAL TARNISH
RESISTANT PLATING
CONTACT...............................SILVER PLATED
EELLEECCTTRRIICCAALL
NOMINAL IMP................................50 OHMS
FREQ. RANGE...........................DC to 11 GHz
VOLTAGE RATING........................1000 VRMS
M
MAATTEERRIIAALLSS
HOUSING AND
FITTINGS............................................BRASS
INSULATOR.......................................TEFLON
CENTER CONTACT..............................BRASS
OUTER CONTACT...........BERYLLIUM COPPER
FFIIN
NIISSHH
FITTINGS........................TRI METAL TARNISH
RESISTANT PLATING
CONTACTS...............................SILVER PLATE
EELLEECCTTRRIICCAALL
NOMINAL IMP................................50 OHMS
FREQ. RANGE...........................DC to 11 GHz
VOLTAGE RATING........................1000 VRMS
“N” SSERIES AADAPTER FFEMALE TTO FFEMALE
“N” SSERIES BBULKHEAD RRECEPTACLE, FFEMALE
“N” SSERIES FFEMALE CCONNECTOR
M
MAATTEERRIIAALLSS
HOUSING AND
FITTINGS............................................BRASS
INSULATOR.......................................TEFLON
CENTER CONTACT.........BERYLLIUM COPPER
GASKET AND SEALS..........SILICONE RUBBER
FFIIN
NIISSHH
FITTINGS........................TRI METAL TARNISH
CONTACT...............................SILVER PLATED
EELLEECCTTRRIICCAALL
NOMINAL IMP................................50 OHMS
FREQ. RANGE...........................DC to 11 GHz
VOLTAGE RATING........................1000 VRMS
“N” SSERIES M
MALE CCONNECTOR
M
MAATTEERRIIAALLSS
HOUSING & FITTINGS.........................BRASS
INSULATOR.......................................TEFLON
CENTER CONTACT..............................BRASS
OUTER CONTACT...........BERYLLIUM COPPER
GASKET AND SEALS..........SILICONE RUBBER
FFIIN
NIISSHH
HOUSING &
FITTINGS........................TRI METAL TARNISH
RESISTANT PLATING
CONTACTS...............................SILVER PLATE
NOMINAL IMP................................50 OHMS
FREQ. RANGE...........................DC to 11 GHz
VOLTAGE RATING........................1000 VRMS
“N” SSERIES TT-AADAPTER, TTHREE FFEMALES
“N” SSERIES AADAPTER M
MALE tto M
MALE
“N” SSERIES PPANEL RRECEPTACLE, FFEMALE
“N” SSERIES M
MALE CCONNECTOR
MOUNTING HOLE
MOUNTING HOLE
PANEL THICKNESS IS .125
OR THREADED 3/8-32
M
MAATTEERRIIAALLSS
HOUSING &
FITTINGS............................................BRASS
INSULATOR.......................................TEFLON
CENTER CONTACT..............................BRASS
OUTER CONTACT..........BERYLLIUM COPPER
GASKET AND SEALS..........SILICONE RUBBER
FFIIN
NIISSHH
FITTINGS........................TRI METAL TARNISH
RESISTANT PLATING
EELLEECCTTRRIICCAALL
NOMINAL IMP................................50 OHMS
FREQ. RANGE...........................DC to 11 GHz
VOLTAGE RATING........................1000 VRMS
78
www.e-zz-hhooook.coom
m
Part No.
8918
Part No.
8923
Part No.
8924
Part No.
9311
Part No.
9312
Part No.
9328
Part No.
9313
Part No.
9314
THIS CONNECTOR FITS CABLE TYPE IN RG/U SERIES B, 8A, 9, 9A 9B, 11, 11A, 13A, 213,
214, 216 AND 225.
THIS CONNECTOR FITS CABLE TYPE IN RG/U SERIES 8, 8A, 9, 9A, 9B, 11, 11A, 13A, 213, 214,
216 AND 225.
THIS CONNECTOR FITS CABLE TYPES IN RG/U 55, 55A, 53, 58A, 58C, 141, 141A, 142,
142A, 142B, 223, 303 and 400.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com