Electronic Components Datasheet Search
  English  ▼

X  

230XM Datasheet(PDF) 111 Page - List of Unclassifed Manufacturers

Part # 230XM
Description  E-Z-Hook is dedicated to providing quality parts, delivered on-time at reasonable prices
PDF  122 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

230XM Datasheet(HTML) 111 Page - List of Unclassifed Manufacturers

Back Button 230XM Datasheet HTML 107Page - List of Unclassifed Manufacturers 230XM Datasheet HTML 108Page - List of Unclassifed Manufacturers 230XM Datasheet HTML 109Page - List of Unclassifed Manufacturers 230XM Datasheet HTML 110Page - List of Unclassifed Manufacturers 230XM Datasheet HTML 111Page - List of Unclassifed Manufacturers 230XM Datasheet HTML 112Page - List of Unclassifed Manufacturers 230XM Datasheet HTML 113Page - List of Unclassifed Manufacturers 230XM Datasheet HTML 114Page - List of Unclassifed Manufacturers 230XM Datasheet HTML 115Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 111 / 122 page
background image
Part Number Description
X2007
Vacuum Pen with Three Cups
X2007-11
.530" Diameter Cup
X2007-22
.425" Diameter Cup
X2007-33
.210" Diameter Cup
Vacuum HHandling TTool:
This tool allows you to pick and place fine pitch devices with out having to touch them directly by
using vacuum pressure to hold the IC to the end of the tool. Choose one of three suction cups that
best suit the size IC you are working with. Place the tool, press the plunger down and release. Once
installed the device can be moved without fear from bending leads or static electricity damage.
VACUUM HHANDLING TTOOL
Features:
Three different cup sizes included with
handle .530" diameter, .425" diameter
.210" diameter
Eliminates need to touch fragile QFP and
SOIC packages.
ESD safe.
Pick-up weight of 100 grams.
PLCC EEXTRACTION TTOOL
Part Number
Description
X2006
Extraction Tool
Construction: Two molded nylon finger and thumb
pinchers with nickel plated steel extractor hooks.
Colors: Available in black only.
ACCESSORIES
108
www.e-zz-hhooook.coom
m
E-ZZ-LLIGHT
Fully insulated flexible inspection light for visibility in hard to reach and see areas.
Length: 24 inches.
Part No.
Description
SNS-224
E-Z-Light
Features:
Tool is used to extract PLCC packages from their
production sockets.
Utilizes the two corners of a production socket for
extracting a PLCC.
Straight pull prevents bending or breaking of leads.
Tool will work on PLCC packages with 20, 28, 32,
44, 52, 68, 84, and 100 pin count.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com