Electronic Components Datasheet Search
  English  ▼

X  

230XM Datasheet(PDF) 115 Page - List of Unclassifed Manufacturers

Part # 230XM
Description  E-Z-Hook is dedicated to providing quality parts, delivered on-time at reasonable prices
PDF  122 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

230XM Datasheet(HTML) 115 Page - List of Unclassifed Manufacturers

Back Button 230XM Datasheet HTML 111Page - List of Unclassifed Manufacturers 230XM Datasheet HTML 112Page - List of Unclassifed Manufacturers 230XM Datasheet HTML 113Page - List of Unclassifed Manufacturers 230XM Datasheet HTML 114Page - List of Unclassifed Manufacturers 230XM Datasheet HTML 115Page - List of Unclassifed Manufacturers 230XM Datasheet HTML 116Page - List of Unclassifed Manufacturers 230XM Datasheet HTML 117Page - List of Unclassifed Manufacturers 230XM Datasheet HTML 118Page - List of Unclassifed Manufacturers 230XM Datasheet HTML 119Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 115 / 122 page
background image
HOOK aand LLEAD AASSORTMENT KKIT 33512
1 R/B set of leads with right angle banana plug or
socket to .025” square socket, 22 AWG, 48” PVC
1 R/B set of P-25 hooks with .025” square pin
1 R/B set of XM-25 micro-hooks with .025” square pin
1 R/B set of XKM double grippers with .025” square pins
1 R/B set of XR-25 mini-hooks with .025” square pin
HOOK aand LLEAD AASSORTMENT KKIT 33510
Kit is packaged in a reusable zipper bag.
Each kit includes TWO of the
following hooks. (RED, BLACK)
Each kit includes TWO of the
following hooks. (RED, BLACK)
x2
x2
x2
x2
x2
x2
x2
x2
Kit is packaged in a reusable zipper bag.
112
www.e-zz-hhooook.coom
m
NOTE:
The following kits come with a red and black set of leads with a right angle banana plug or socket or your choice
(see page 109) to a .025” square socket. This .025” square socket plugs in to the assortment of hooks provided
with these kits. Please see each individual chart for ordering information and to select the part that best matches
your requirement.
HOOK aand LLEAD AASSORTMENT TTEST KITS
Part No.
Interface Description
3510-11
Test Kit: with Std. Right Angle Banana Plug (P/N 9304)
3510-22
Test Kit: with Shrouded Right Angle Banana Socket; fits
Simpson & Triplett (P/N 9309)
3510-33
Test Kit: with Shrouded Right Angle Banana Plug; fits
B&K, Beckman, AAmprobe, HHP, Fluke, M
Meterman, and
Greenlee (P/N 9302)
3510-44
Test Kit: with Shrouded Right Angle Banana Plug; fits
Amprobe & some BBeckman (P/N 9301)
Kit CComponents:
Part No.
Interface Description
3512-11
Test Kit: with Std. Right Angle Banana Plug (P/N 9304)
3512-22
Test Kit: with Shrouded Right Angle Banana Socket; fits
Simpson & Triplett (P/N 9309)
3512-33
Test Kit: with Shrouded Right Angle Banana Plug; fits
B&K, Beckman, AAmprobe, HHP, Fluke, M
Meterman, and
Greenlee (P/N 9302)
3512-44
Test Kit: with Shrouded Right Angle Banana Plug; fits
Amprobe & some BBeckman (P/N 9301)
1 R/B set of leads with right angle banana plug or
socket to .025” square socket, 22 AWG, 48” PVC
1 BNC female to .025” square sockets
1 R/B set of P-25 hooks with .025” square pin
1 R/B set of XM-25 micro-hooks with .025” square pin
1 R/B set of XKM double grippers with .025” square pins
1 R/B set of XR-25 mini-hooks with .025” square pin
Kit CComponents:
Select right angle banana
style from chart on page 109.
Select right angle banana
style from chart on page 109.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com