Electronic Components Datasheet Search
  English  ▼

X  

RX100 Datasheet(PDF) 40 Page - Renesas Technology Corp

Part # RX100
Description  Flash memory programming software
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RX100 Datasheet(HTML) 40 Page - Renesas Technology Corp

Back Button RX100 Datasheet HTML 36Page - Renesas Technology Corp RX100 Datasheet HTML 37Page - Renesas Technology Corp RX100 Datasheet HTML 38Page - Renesas Technology Corp RX100 Datasheet HTML 39Page - Renesas Technology Corp RX100 Datasheet HTML 40Page - Renesas Technology Corp RX100 Datasheet HTML 41Page - Renesas Technology Corp RX100 Datasheet HTML 42Page - Renesas Technology Corp RX100 Datasheet HTML 43Page - Renesas Technology Corp RX100 Datasheet HTML 44Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 71 page
background image
Renesas Flash Programmer V2.04
CHAPTER 2 FUNCTION DETAILS (BASIC MODE)
R20UT2908EJ0100 Rev. 1.00
Page 40 of 71
Mar. 31, 2014
The blocks with boxes under the Region column checked are read.
[Absolute Image] checkbox
Checked: When the read data are saved to a file, the data are saved at the address in flash memory from which the
data were read out.
Not checked: When the read data are saved to a file, the data are saved in the address range starting from address
00h.
Clicking [Select All] selects all blocks for reading.
Clicking [Select Written] selects all blocks that have been programmed for reading.
Clicking [Read] leads to reading of the selected blocks and saving of the contents in a file when the process ends
normally.
Clicking [Cancel] or [x] closes the dialog box without performing reading.
Figure 2-32. [Address] Tab of the [Read] Dialog Box
Specify each reading target area by entering the start address and the end address, or by entering the start
address and the data length.
[Absolute Image] checkbox
Checked: When the read data are saved to a file, the data are saved at the address in flash memory from which the
data were read out.
Not checked: When the read data are saved to a file, the data are saved in the address range starting from address
00h.
Clicking [Read] leads to reading of the data from the specified address range and saving of the contents in a file
when the process ends normally.
Clicking [Cancel] or [x] closes the dialog box without performing reading.
(8) [Set Security] command
This command is used to set security of the target microcontroller. When the [Set Security] command is executed,
the contents that are set in the [Security Setting (
Flash Shield Window)] category in the [Other Settings] tab of the
[Project Settings] dialog box are reflected to the target microcontroller. For details of settings including the security
settings, see 2.4.3 (11) (f) <14> [Security Setting (Flash Shield window)] category.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com