Electronic Components Datasheet Search
  English  ▼

X  

RX100 Datasheet(PDF) 23 Page - Renesas Technology Corp

Part # RX100
Description  Flash memory programming software
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RX100 Datasheet(HTML) 23 Page - Renesas Technology Corp

Back Button RX100 Datasheet HTML 19Page - Renesas Technology Corp RX100 Datasheet HTML 20Page - Renesas Technology Corp RX100 Datasheet HTML 21Page - Renesas Technology Corp RX100 Datasheet HTML 22Page - Renesas Technology Corp RX100 Datasheet HTML 23Page - Renesas Technology Corp RX100 Datasheet HTML 24Page - Renesas Technology Corp RX100 Datasheet HTML 25Page - Renesas Technology Corp RX100 Datasheet HTML 26Page - Renesas Technology Corp RX100 Datasheet HTML 27Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 71 page
background image
Renesas Flash Programmer V2.04
CHAPTER 2 FUNCTION DETAILS (BASIC MODE)
R20UT2908EJ0100 Rev. 1.00
Page 23 of 71
Mar. 31, 2014
2.2.5
[Mode Pin at Connection] dialog box
This dialog box is used to select the pin to control the mode pin of the target microcontroller from io0 to io5 pins of
E1/E20.
Figure 2-7. [Mode Pin at Connection] Dialog Box
[Pin Outputs] check box
Select the pin to control the mode pin of the target microcontroller from io0 to io5 pins. A selected check box is
output, and a cleared check box is input.
[Pin Setting (High)] check box
Set the level of the selected io0 to io5 pins to High or Low. A selected check box is High, and a cleared check box
is Low. This setting is effective only when the I/O direction is Output.
Remark
For the io0 to io5 pins of E1 and E20, refer to Common APPENDIX B Figure B-1. E1 and E20 Pins - RX -.
Clicking the OK button displays the next dialog box.
Clicking the Cancel or the X button returns you to the [Communication Interface] dialog box.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com