Electronic Components Datasheet Search
  English  ▼

X  

RX100 Datasheet(PDF) 46 Page - Renesas Technology Corp

Part # RX100
Description  Flash memory programming software
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RX100 Datasheet(HTML) 46 Page - Renesas Technology Corp

Back Button RX100 Datasheet HTML 42Page - Renesas Technology Corp RX100 Datasheet HTML 43Page - Renesas Technology Corp RX100 Datasheet HTML 44Page - Renesas Technology Corp RX100 Datasheet HTML 45Page - Renesas Technology Corp RX100 Datasheet HTML 46Page - Renesas Technology Corp RX100 Datasheet HTML 47Page - Renesas Technology Corp RX100 Datasheet HTML 48Page - Renesas Technology Corp RX100 Datasheet HTML 49Page - Renesas Technology Corp RX100 Datasheet HTML 50Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 71 page
background image
Renesas Flash Programmer V2.04
CHAPTER 2 FUNCTION DETAILS (BASIC MODE)
R20UT2908EJ0100 Rev. 1.00
Page 46 of 71
Mar. 31, 2014
<1> [Device Information] category
This category displays information about the microcontroller such as Device Name, Base Device, and
Device Information File Path.
Device Name
Displays the device name.
Base Device
Displays the base device of the device.
Device Information File Path
Displays the parameter file path of the device.
<2> [Communication Interface] category
This category displays Tool and Connection.
Tool Name
Displays the communication tool between the target board and host
PC.
Connection
Displays the connection method between the target board and host
PC.
<3> [Clock] category
This category displays clock-related information such as Clock Type, Frequency, CKM, and CKP.
Clock Type
Clock is supplied to the device via internal or external clock.
Input Frequency (MHz)
Displays the input frequency of the device.
Clock Mode
Displays the clock mode of the device.
CKM
Displays the multiplication or frequency dividing of the main clock.
CKP
Displays the multiplication or frequency dividing of the peripheral clock.
<4> [Communication Speed] category
This category displays communication speed-related information such as Communication speed
Specified By, Communication speed Value (bps), and Use Default Value.
Communication speed Specified By
Displays the communication speed based on the Recommended
Speeds or User Specified.
Communication speed Value (bps)
Displays the communication speed with the device.
Use Default
Displays if the recommended default communication speed is used or
not.
<5> [Target Power] category
This category displays Power Supply of the target device.
Supply Power
Displays the power supply for the target device.
<6> [Mode Pins at Connection] category
This category displays the state of the mode pin to start the device in the boot mode when it is connected.
Mode Pin Information
Displays the state of the mode pin to start the device in the Boot mode
at connection.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com