Electronic Components Datasheet Search
  English  ▼

X  

RX100 Datasheet(PDF) 68 Page - Renesas Technology Corp

Part # RX100
Description  Flash memory programming software
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RX100 Datasheet(HTML) 68 Page - Renesas Technology Corp

Back Button RX100 Datasheet HTML 63Page - Renesas Technology Corp RX100 Datasheet HTML 64Page - Renesas Technology Corp RX100 Datasheet HTML 65Page - Renesas Technology Corp RX100 Datasheet HTML 66Page - Renesas Technology Corp RX100 Datasheet HTML 67Page - Renesas Technology Corp RX100 Datasheet HTML 68Page - Renesas Technology Corp RX100 Datasheet HTML 69Page - Renesas Technology Corp RX100 Datasheet HTML 70Page - Renesas Technology Corp RX100 Datasheet HTML 71Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 68 / 71 page
background image
Renesas Flash Programmer V2.04
CHAPTER 4 SCRIPT EXECUTION FUNCTION
R20UT2908EJ0100 Rev. 1.00
Page 68 of 71
Mar. 31, 2014
4.5
Log file
Execute the specify a log file script command (log <filename>) by the script command to create a specified log file and
to save the script commands and the characters in the output panel to the log file in the text format. If a log file with the
same name already exists when a new log file is tried to be created, the existing log file is opened and new log entries are
appended after the last line.
(1) Log file format
[DD-Mon-YY HH:MM:SS.mmm] ------ Start Script ------
Version
Script
Workspace
[DD-Mon-YY HH:MM:SS.mmm] <script command>
Characters in the output panel
[DD-Mon-YY HH:MM:SS.mmm] ------ End Script ------
DD: day (two digits)
Mon: month (three characters)
YY: year (two digits)
HH: hour (two digits)
MM: minute (two digits)
SS: second (two digits)
mmm: millisecond (three digits)
4.6
How to Handle Dialog Boxes Opened while the Program is Running
According to the settings, dialog boxes might be displayed while the program is running. How to deal with the various
dialog boxes is covered below.
(1) [ID code] dialog box
<Condition>
When the ID code set in a project and that written in the microcomputer do not match, the [ID Code] dialog box is
displayed on connection of the microcomputer.
<Action by the user>
Enter the ID code written in the microcomputer to the [ID Code] dialog box in the [ID Code Authentication]
category under the [Other Settings] tab in the [Project Settings]. After that, set [Auto Authentication] to “True”.
(2)
[Block Locking] dialog box
<Condition>
The [Block Locking] dialog box is displayed on disconnection of a microcomputer that supports lock bits.
<Action by user>
Select either [Set Locks/Unlocks] or [Do Nothing] for [Disconnect Option] in the [Lock Bit] category below the
[Other Settings] tab in the [Project Settings] dialog box.
(3)
[Confirmation] dialog box
<Condition>
The [Confirmation] dialog box is displayed when the program file exceeds the capacity of the flash ROM at the
time of writing.
<Action by user>
Change the setting of [File Over Warning] to “False” in the [Flash Program Options] category under the [Other
Settings] tab in the [Project Settings] dialog box.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com