Electronic Components Datasheet Search
  English  ▼

X  

RX100 Datasheet(PDF) 64 Page - Renesas Technology Corp

Part # RX100
Description  Flash memory programming software
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RX100 Datasheet(HTML) 64 Page - Renesas Technology Corp

Back Button RX100 Datasheet HTML 60Page - Renesas Technology Corp RX100 Datasheet HTML 61Page - Renesas Technology Corp RX100 Datasheet HTML 62Page - Renesas Technology Corp RX100 Datasheet HTML 63Page - Renesas Technology Corp RX100 Datasheet HTML 64Page - Renesas Technology Corp RX100 Datasheet HTML 65Page - Renesas Technology Corp RX100 Datasheet HTML 66Page - Renesas Technology Corp RX100 Datasheet HTML 67Page - Renesas Technology Corp RX100 Datasheet HTML 68Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 71 page
background image
Renesas Flash Programmer V2.04
CHAPTER 4 SCRIPT EXECUTION FUNCTION
R20UT2908EJ0100 Rev. 1.00
Page 64 of 71
Mar. 31, 2014
CHAPTER 4 SCRIPT EXECUTION FUNCTION
This chapter explains the script execution function.
4.1
Overview
The script execution function executes the script commands in a script file sequentially without displaying the main
window or dialog boxes
note. The RFP can be started up and the write command can be executed from the command
prompt or user applications.
Note
Processing automatically proceeds in response to clicking on OK button in the [Confirmation] dialog box. Note,
however, depending on the settings, a dialog box might be shown while the program is running (see 4.6).
4.2
Start and exit
The script execution starts by the following method. In the case of (1), the main window of the version installed recently
starts.
(1) Double clicking a script file.
(2) Dragging and dropping a script file onto RFP.exe.
(3) Typing RFP.exe followed by the name of a script file at the command prompt and so on; then executing it.
After the script execution starts, the script commands in the script file are executed from the first line to the last
sequentially. When execution of all commands in the script down to the last line is completed, the result code ‘”0” is
returned on exit from the RFP. If there is an error in a command or an error is generated while a command is being
executed, the result code “1” is returned immediately and execution of the RFP is terminated. As a note, If there is no
script file (*.rsc) or a file that is not a script file (not an *.rsc file) is specified, the script execution function ends and the
[Welcome!] dialog box is opened. If an error occurs due to an incorrect command in the script or while a command is being
executed, the [Welcome!] dialog box will not open.
RFP.exe xxxx
xxxx: the full path of a script file. If the full path contains spaces, use double quotation marks to enclose the full path ("
").
Example) A batch file (sample.bat) example
:START
RFP.exe "d:\rfp\sample test\sample.rsc"
ECHO OFF
ECHO Rusult Code:%ErrorLevel%
PAUSE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com