| Electronic Components Datasheet Search |
|
RX100 Datasheet(PDF) 10 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
RX100 Datasheet(HTML) 10 Page - Renesas Technology Corp |
|
10 / 71 page ![]() Renesas Flash Programmer V2.04 CHAPTER 1 BASIC OPERATION R20UT2908EJ0100 Rev. 1.00 Page 10 of 71 Mar. 31, 2014 <5> Set the [Pin Outputs] check boxes and [Pin Setting (High)] check boxes. For R5F562TAA, set io2 of E1 to High for the MD0 pin, and set io3 of E1 to Low for the MD1 pin. Clicking the OK button displays the [Confirmation] dialog box. Figure 1-5. [Mode Pin at Connection] Dialog Box Remark: Processing the io pins is done to set the operating mode of the RX to the boot mode. For the RX62T, control must be applied to set the MD0 pin to the high level and the MD1 pin to the low level. This can be done by connecting any of pins from io0 to io5 of the E1/E20 and making the required settings in the [Mode Pins at Connection] dialog box. For the io0 to io5 pins of E1, refer to Common APPENDIX B Figure B-1. E1 and E20 Pins - RX. <6> Check that the board is connected, powered, and in Boot mode. Clicking the OK button displays the [Select Emulator] dialog box. Figure 1-6. [Confirmation] Dialog Box <7> The name and serial number of the detected Emulator are displayed. Select it. The serial number is printed on the chassis. Clicking the OK button establish connection with the device and displays the [Query Generic Device] dialog box. Figure 1-7. [Select Emulator] Dialog Box |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |