Electronic Components Datasheet Search
  English  ▼

X  

OPA2690 Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # OPA2690
Description  Dual, Wideband, Low-Noise Operational Amplifier
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OPA2690 Datasheet(HTML) 7 Page - Texas Instruments

Back Button OPA2690 Datasheet HTML 3Page - Texas Instruments OPA2690 Datasheet HTML 4Page - Texas Instruments OPA2690 Datasheet HTML 5Page - Texas Instruments OPA2690 Datasheet HTML 6Page - Texas Instruments OPA2690 Datasheet HTML 7Page - Texas Instruments OPA2690 Datasheet HTML 8Page - Texas Instruments OPA2690 Datasheet HTML 9Page - Texas Instruments OPA2690 Datasheet HTML 10Page - Texas Instruments OPA2690 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 33 page
background image
OPA2822
7
SBOS188E
www.ti.com
TYPICAL CHARACTERISTICS: VS = ±6V (Cont.)
TA = +25°C, G = +2, RF = 402Ω, and RL = 100Ω, unless otherwise noted.
INPUT VOLTAGE AND CURRENT NOISE DENSITY
Frequency (Hz)
102
104
105
106
103
107
10
1
2nV/
√Hz
1.6pA/
√Hz
Voltage Noise
Current Noise
2-TONE, 3rd-ORDER
INTERMODULATION INTERCEPT
Frequency (MHz)
110
20
60
55
50
45
40
35
30
25
20
1/2
OPA2822
50
Ω
50
Ω
P
I
50
Ω
402
Ω
402
Ω
P
O
CHANNEL-TO-CHANNEL CROSSTALK
Frequency (MHz)
0.1
100
10
1
500
–40
–50
–60
–70
–80
–90
–100
Input Referred
R
L = 100Ω
G = +2
GAIN FLATNESS
Frequency (MHz)
0
150
100
50
200
0.50
0.40
0.30
0.20
0.10
0.00
–0.10
–0.20
–0.30
–0.40
–0.50
NG = 3.5
R
NG = 301Ω
NG = 3.0
R
NG = 452Ω
NG = 2.5
R
NG = 904Ω
G = 2
Noise Gain
Adjusted
See Figure 12
NG = 2
R
NG = ∞
RECOMMENDED R
S vs CAPACITIVE LOAD
Capacitive Load (pF)
10
100
1k
1000
100
10
1
For Maximally Flat Response,
See Figure 12
FREQUENCY RESPONSE vs CAPACITIVE LOAD
Frequency (MHz)
1
10
100
500
9
6
3
0
–3
–6
–9
–12
1/2
OPA2822
R
S
V
I
1k
Ω
1k
Ω is optional.
C
L
402
Ω
402
Ω
V
O
C
L = 100pF
C
L = 10pF
C
L = 22pF
C
L = 47pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com