Electronic Components Datasheet Search
  English  ▼

X  

OPA2690 Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # OPA2690
Description  Dual, Wideband, Low-Noise Operational Amplifier
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OPA2690 Datasheet(HTML) 8 Page - Texas Instruments

Back Button OPA2690 Datasheet HTML 4Page - Texas Instruments OPA2690 Datasheet HTML 5Page - Texas Instruments OPA2690 Datasheet HTML 6Page - Texas Instruments OPA2690 Datasheet HTML 7Page - Texas Instruments OPA2690 Datasheet HTML 8Page - Texas Instruments OPA2690 Datasheet HTML 9Page - Texas Instruments OPA2690 Datasheet HTML 10Page - Texas Instruments OPA2690 Datasheet HTML 11Page - Texas Instruments OPA2690 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 33 page
background image
OPA2822
8
SBOS188E
www.ti.com
TYPICAL CHARACTERISTICS: VS = ±6V (Cont.)
TA = +25°C, G = +2, RF = 402Ω, and RL = 100Ω, unless otherwise noted.
CMRR AND PSRR vs FREQUENCY
Frequency (Hz)
103
104
105
106
107
108
120
100
80
60
40
20
0
CMRR
+PSRR
–PSRR
OPEN-LOOP GAIN AND PHASE
Frequency (Hz)
102
103
104
105
106
107
108
109
120
100
80
60
40
20
0
–20
0
–30
–60
–90
–120
–150
–180
–210
20 log(A
OL)
∠ A
OL
OUTPUT VOLTAGE AND CURRENT LIMITATIONS
I
O (mA)
–200
–150
–100
–50
0
50
100
150
200
6
5
4
3
2
1
0
–1
–2
–3
–4
–5
–6
1W Internal
Power Limit
Single-Channel
1W Internal
Power Limit
Single-Channel
R
L = 25Ω
R
L = 100Ω
R
L = 50Ω
CLOSED-LOOP OUTPUT IMPEDANCE
vs FREQUENCY
Frequency (MHz)
0.1
1
10
100
100
10
1
0.1
0.01
0.001
1/2
OPA2822
402
Ω
402
Ω
Z
O
8
6
4
2
0
–2
–4
–6
–8
NONINVERTING OVERDRIVE RECOVERY
Time (40ns/div)
4
3
2
1
0
–1
–2
–3
–4
R
L = 100Ω
G = +2
See Figure 1
Output
Left Scale
Input Right Scale
8
6
4
2
0
–2
–4
–6
–8
INVERTING OVERDRIVE RECOVERY
Time (40ns/div)
R
L = 100Ω
R
F = 604Ω
G = –1
See Figure 2
Output
Input



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com