Electronic Components Datasheet Search
  English  ▼

X  

OPA2690 Datasheet(PDF) 15 Page - Texas Instruments

Click here to check the latest version.
Part # OPA2690
Description  Dual, Wideband, Low-Noise Operational Amplifier
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OPA2690 Datasheet(HTML) 15 Page - Texas Instruments

Back Button OPA2690 Datasheet HTML 11Page - Texas Instruments OPA2690 Datasheet HTML 12Page - Texas Instruments OPA2690 Datasheet HTML 13Page - Texas Instruments OPA2690 Datasheet HTML 14Page - Texas Instruments OPA2690 Datasheet HTML 15Page - Texas Instruments OPA2690 Datasheet HTML 16Page - Texas Instruments OPA2690 Datasheet HTML 17Page - Texas Instruments OPA2690 Datasheet HTML 18Page - Texas Instruments OPA2690 Datasheet HTML 19Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 33 page
background image
OPA2822
15
SBOS188E
www.ti.com
To take full advantage of the OPA2822’s excellent DC input
accuracy, the total DC impedance seen at of each of the
input terminals must be matched to get bias current cancel-
lation. For the circuit of Figure 2, this requires the grounded
309
Ω resistor on the noninverting input. The calculation for
this resistor value assumes a DC-coupled 50
Ω source
impedance along with RG and RM. While this resistor will
provide cancellation for the input bias current, it must be
well decoupled (0.1
µF in Figure 2) to filter the noise contri-
bution of the resistor itself and of the amplifier’s input
current noise.
As the required RG resistor approaches 50Ω at higher gains,
the bandwidth for the circuit in Figure 2 will far exceed the
bandwidth at the same gain magnitude for the noninverting
circuit of Figure 1. This occurs due to the lower noise gain for
the circuit of Figure 2 when the 50
Ω source impedance is
included in the analysis. For example, at a signal gain of
–12 (RG = 50Ω, RM = open, RF = 604Ω) the noise gain for the
circuit of Figure 2 will be 1 + 604
Ω/(50Ω + 50Ω) = 7, due to
the addition of the 50
Ω source in the noise gain equation.
This will give considerably higher bandwidth than the nonin-
verting gain of +12.
SINGLE-SUPPLY NONINVERTING OPERATION
The OPA2822 can also support single +5V operation with
its exceptional input and output voltage swing capability.
While not a rail-to-rail input/output design, both inputs and
outputs can swing to within 1.2V of either supply rail. For a
single amplifier channel, this gives a very clean 2VPP output
capability on a single +5V supply, or 4VPP output for a
differential configuration using both channels together. Fig-
ure 3 shows the AC-coupled noninverting gain of +2 used
as the basis of the Electrical Characteristics table and most
of the Typical Characteristics for single +5V supply opera-
tion.
The key requirement of broadband single-supply operation is
to maintain input and output signal swings within the usable
voltage range at both input and output. The circuit of Figure 3
establishes an input midpoint bias using a simple resistive
divider from the +5V supply (two 804
Ω resistors). These two
resistors are selected to provide DC bias current cancellation
because their parallel combination matches the DC imped-
ance looking out of the inverting node, which equals RF. The
gain setting resistor is not part of the DC impedance looking
out of the inverting node, due to the blocking capacitor in
series with it. The input signal is then AC-coupled into the
midpoint voltage bias. The input impedance matching resistor
(57.6
Ω) is selected for testing to give a 50Ω input match (at
high frequencies) when the parallel combination of the biasing
divider network is included. The gain resistor (RG) is AC-
coupled, giving a DC gain of +1. This centers the output also
at the input midpoint bias voltage (VS/2). While this circuit is
shown using a +5V supply, this same circuit may be applied
for single-supply operation as high as +12V.
SINGLE-SUPPLY INVERTING OPERATION
For those single +5V Typical Characteristics that require
inverting gain of –1 operation, the test circuit in Figure 4 was
used.
As with the circuit of Figure 2, the feedback resistor (RF) has
been increased to 604
Ω to reduce the loading effect it has
in parallel with the 100
Ω actual load. The noninverting input
is biased at VS/2 (2.5V in this case) using the two 1.21kΩ
resistors for RB. The parallel combination of these two
resistors (605
Ω) provides input bias current cancellation by
matching the DC impedance looking out of the inverting
input node. The noninverting input bias is also well de-
coupled using the 0.1
µF capacitor to both reduce both
power-supply noise and the resistor and bias current noise
at this input.
FIGURE 3. AC-Coupled, G = +2, Single-Supply
Operation: Specification and Test Circuit.
FIGURE 4. AC-Coupled, G = –1, Single-Supply
Operation: Specification and Test Circuit.
1/2
OPA2822
+5V
V
S/2
V
S/2
+V
S
R
L
100
Ω
V
O
V
I
R
B
804
Ω
R
B
804
Ω
57.6
Ω
R
G
402
Ω
R
F
402
Ω
0.1
µF
+
0.1
µF
6.8
µF
0.1
µF
1/2
OPA2822
+5V
V
S/2
V
S/2
+V
S
R
L
100
Ω
V
O
R
B
1.21k
Ω
R
B
1.21k
Ω
+
0.1
µF
6.8
µF
V
I
R
M
54.9
Ω
50
Ω Source
R
G
604
Ω
R
F
604
Ω
0.1
µF
0.1
µF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com