Electronic Components Datasheet Search
  English  ▼

X  

OPA2690 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # OPA2690
Description  Dual, Wideband, Low-Noise Operational Amplifier
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OPA2690 Datasheet(HTML) 1 Page - Texas Instruments

  OPA2690 Datasheet HTML 1Page - Texas Instruments OPA2690 Datasheet HTML 2Page - Texas Instruments OPA2690 Datasheet HTML 3Page - Texas Instruments OPA2690 Datasheet HTML 4Page - Texas Instruments OPA2690 Datasheet HTML 5Page - Texas Instruments OPA2690 Datasheet HTML 6Page - Texas Instruments OPA2690 Datasheet HTML 7Page - Texas Instruments OPA2690 Datasheet HTML 8Page - Texas Instruments OPA2690 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 33 page
background image
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.
OPA2822
SBOS188E – MARCH 2001 – REVISED AUGUST 2008
DESCRIPTION
The OPA2822 offers very low 2.0nV/
√Hz input noise in a
wideband, unity-gain stable, voltage-feedback architecture.
Intended for xDSL receiver applications, the OPA2822 also
supports this low input noise with exceptionally low harmonic
distortion, particularly in differential configurations. Adequate
output current is provided to drive the potentially heavy load
of a passive filter between this amplifier and the codec.
Harmonic distortion for a 2VPP differential output operating
from +5V to +12V supplies is
≤ –100dBc through 1MHz input
frequencies. Operating on a low 4.8mA/ch supply current,
the OPA2822 can satisfy all xDSL receiver requirements
over a wide range of possible supply voltages—from a single
+5V condition, to
±5V, up to a single +12V design.
General-purpose applications on a single +5V supply will
benefit from the high input and output voltage swing available
on this reduced supply voltage. Low-cost precision integra-
tors for PLLs will also benefit from the low voltage noise and
offset voltage. Baseband I/Q receiver channels can achieve
almost perfect channel match with noise and distortion to
support signals through 5MHz with > 14-bit dynamic range.
FEATURES
q LOW INPUT NOISE VOLTAGE: 2.0nV/
√Hz
q HIGH UNITY GAIN BANDWIDTH: 500MHz
q HIGH GAIN BANDWIDTH PRODUCT: 240MHz
q HIGH OUTPUT CURRENT: 90mA
q SINGLE +5V TO +12V OPERATION
q LOW SUPPLY CURRENT: 4.8mA/ch
Dual, Wideband, Low-Noise
Operational Amplifier
APPLICATIONS
q xDSL DIFFERENTIAL LINE RECEIVERS
q HIGH DYNAMIC RANGE ADC DRIVERS
q LOW NOISE PLL INTEGRATORS
q TRANSIMPEDANCE AMPLIFIERS
q PRECISION BASEBAND I/Q AMPLIFIERS
q ACTIVE FILTERS
FEATURES
SINGLES
DUALS
TRIPLES
High Slew Rate
OPA690
OPA2690
OPA3690
R/R Input/Output
OPA353
OPA2353
—
1.3nV Input Noise
OPA846
OPA2686
—
1.5nV Input Noise
—
THS6062
—
OPA2822 RELATED PRODUCTS
xDSL Driver
OPA2677
xDSL Receiver
500
Ω
500
Ω
500
Ω
R
O
OPA2822
OPA2822
1k
Ω
500
Ω
n:1
1k
Ω
R
O
OPA
2822
www.ti.com
Copyright © 2001-2008, Texas Instruments Incorporated
All trademarks are the property of their respective owners.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
www.ti.com


Similar Part No. - OPA2690

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA2690 TI-OPA2690 Datasheet
410Kb / 22P
Wideband, Voltage Feedback OPERATIONAL AMPLIFIER With Disable
OPA2690 TI-OPA2690 Datasheet
376Kb / 27P
Dual, Wideband, High Output Current, Operational Amplifier with Current Limit
OPA2690 TI-OPA2690 Datasheet
410Kb / 23P
Wideband, Current Feedback OPERATIONAL AMPLIFIER With Disable
logo
Burr-Brown (TI)
OPA2690 BURR-BROWN-OPA2690 Datasheet
460Kb / 31P
Low-Power, Single-Supply, Wideband Operational Amplifier
OPA2690 BURR-BROWN-OPA2690 Datasheet
487Kb / 30P
Dual, Wideband, Voltage-Feedback OPERATIONAL AMPLIFIER with Disable
More results

Similar Description - OPA2690

ManufacturerPart #DatasheetDescription
logo
NEC
UPC4570 NEC-UPC4570 Datasheet
342Kb / 12P
DUAL ULTRA LOW-NOISE,WIDEBAND,OPERATIONAL AMPLIFIER
logo
National Semiconductor ...
LMH6624 NSC-LMH6624 Datasheet
985Kb / 20P
Single/Dual Ultra Low Noise Wideband Operational Amplifier
logo
Burr-Brown (TI)
OPA2686 BURR-BROWN-OPA2686 Datasheet
171Kb / 18P
Dual, Wideband, Low Noise, Voltage Feedback OPERATIONAL AMPLIFIER
logo
Intersil Corporation
HA-5222 INTERSIL-HA-5222 Datasheet
65Kb / 8P
Dual, Low Noise, Wideband, Precision Operational Amplifier
January 1996
logo
Texas Instruments
OPA2822 TI-OPA2822 Datasheet
542Kb / 27P
Dual, Wideband, Low-Noise Operational Amplifier
OPA2846 TI-OPA2846 Datasheet
360Kb / 24P
Dual, Wideband, Low-Noise, Voltage-Feedback Operational Amplifier
logo
Intersil Corporation
HFA-0002 INTERSIL-HFA-0002 Datasheet
613Kb / 10P
Low Noise Wideband Operational Amplifier
September 1998
HA-5222 INTERSIL-HA-5222_01 Datasheet
459Kb / 8P
Dual, Low Noise, Wideband, Precision Operational Amplifier
September 2001
logo
National Semiconductor ...
LMH6624 NSC-LMH6624_05 Datasheet
1Mb / 19P
Single/Dual Ultra Low Noise Wideband Operational Amplifier
logo
Texas Instruments
OPA2846 TI1-OPA2846_14 Datasheet
707Kb / 30P
Dual, Wideband, Low-Noise, Voltage-Feedback Operational Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com