Electronic Components Datasheet Search
  English  ▼

X  

OPA2690 Datasheet(PDF) 23 Page - Texas Instruments

Click here to check the latest version.
Part # OPA2690
Description  Dual, Wideband, Low-Noise Operational Amplifier
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OPA2690 Datasheet(HTML) 23 Page - Texas Instruments

Back Button OPA2690 Datasheet HTML 19Page - Texas Instruments OPA2690 Datasheet HTML 20Page - Texas Instruments OPA2690 Datasheet HTML 21Page - Texas Instruments OPA2690 Datasheet HTML 22Page - Texas Instruments OPA2690 Datasheet HTML 23Page - Texas Instruments OPA2690 Datasheet HTML 24Page - Texas Instruments OPA2690 Datasheet HTML 25Page - Texas Instruments OPA2690 Datasheet HTML 26Page - Texas Instruments OPA2690 Datasheet HTML 27Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 33 page
background image
OPA2822
23
SBOS188E
www.ti.com
well as a doubly-terminated line. If the input impedance of the
destination device is low, there will be some signal attenuation
due to the voltage divider formed by the series output into the
terminating impedance.
e) Socketing a high-speed part like the OPA2822 is not
recommended. The additional lead length and pin-to-pin ca-
pacitance introduced by the socket can create an extremely
troublesome parasitic network, which can make it almost impos-
sible to achieve a smooth, stable frequency response. Best
results are obtained by soldering the OPA2822 onto the board.
INPUT AND ESD PROTECTION
The OPA2822 is built using a very high-speed complementary
bipolar process. The internal junction breakdown voltages are
relatively low due to these very small geometry devices. These
breakdowns are reflected in the Absolute Maximum Rating
table. All device pins are protected with internal ESD protection
diodes to the power supplies, as shown in Figure 14.
These diodes provide moderate protection to input overdrive
voltages above the supplies as well. The protection diodes can
typically support 30mA continuous current. Where higher cur-
rents are possible (for example, in systems with
±15V supply
parts driving into the OPA2822), current-limiting series resistors
should be added into the two inputs. Keep these resistor values
as low as possible since high values degrade both noise
performance and frequency response.
FIGURE 14. Internl ESD Protection.
External
Pin
+V
CC
–V
CC
Internal
Circuitry



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com