Electronic Components Datasheet Search
  English  ▼

X  

OPA2690 Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # OPA2690
Description  Dual, Wideband, Low-Noise Operational Amplifier
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OPA2690 Datasheet(HTML) 11 Page - Texas Instruments

Back Button OPA2690 Datasheet HTML 7Page - Texas Instruments OPA2690 Datasheet HTML 8Page - Texas Instruments OPA2690 Datasheet HTML 9Page - Texas Instruments OPA2690 Datasheet HTML 10Page - Texas Instruments OPA2690 Datasheet HTML 11Page - Texas Instruments OPA2690 Datasheet HTML 12Page - Texas Instruments OPA2690 Datasheet HTML 13Page - Texas Instruments OPA2690 Datasheet HTML 14Page - Texas Instruments OPA2690 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 33 page
background image
OPA2822
11
SBOS188E
www.ti.com
TYPICAL CHARACTERISTICS: VS = +5V
TA = +25°C, G = +2, RF = 402Ω, and RL = 100Ω, unless otherwise noted.
9
6
3
0
–3
–6
–9
–12
–15
–18
–21
–24
NONINVERTING SMALL-SIGNAL
FREQUENCY RESPONSE
Frequency (MHz)
0.5
1
10
100
500
V
O = 0.1VPP
G = +1
R
F = 0Ω
G = +2
See Figure 3
G = +5
G = +10
6
3
0
–3
–6
–9
–12
–15
–18
–21
–24
INVERTING SMALL-SIGNAL
FREQUENCY RESPONSE
Frequency (MHz)
0.5
1
10
100
500
V
O = 0.1VPP
R
F = 604Ω
See Figure 4
G = –5
G = –2
G = –1
G = –10
0.4
0.3
0.2
0.1
0
–0.1
–0.2
–0.3
–0.4
NONINVERTING PULSE RESPONSE
Time (20ns/div)
2.0
1.5
1.0
0.5
0
–0.5
–1.0
–1.5
–2.0
See Figure 3
Large-Signal Right Scale
Small-Signal Left Scale
0.4
0.3
0.2
0.1
0
–0.1
–0.2
–0.3
–0.4
INVERTING PULSE RESPONSE
Time (20ns/div)
2.0
1.5
1.0
0.5
0
–0.5
–1.0
–1.5
–2.0
See Figure 4
Large-Signal Right Scale
Small-Signal Left Scale
RECOMMENDED R
S vs CAPACITIVE LOAD
Capacitive Load (pF)
10
100
1000
1000
100
10
1
For Maximally Flat Response,
See Figure 12
FREQUENCY RESPONSE vs CAPACITIVE LOAD
Frequency (MHz)
1
10
500
100
9
6
3
0
–3
–6
–9
–12
C
L = 100pF
C
L = 10pF
C
L = 22pF
C
L = 47pF
1/2
OPA2822
R
S
V
I
1k
Ω
1k
Ω is optional.
C
L
402
Ω
+5V
804
Ω
804
Ω
402
Ω
V
O
0.01
µF
0.01
µF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com