Electronic Components Datasheet Search
  English  ▼

X  

OPA2690 Datasheet(PDF) 14 Page - Texas Instruments

Click here to check the latest version.
Part # OPA2690
Description  Dual, Wideband, Low-Noise Operational Amplifier
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OPA2690 Datasheet(HTML) 14 Page - Texas Instruments

Back Button OPA2690 Datasheet HTML 10Page - Texas Instruments OPA2690 Datasheet HTML 11Page - Texas Instruments OPA2690 Datasheet HTML 12Page - Texas Instruments OPA2690 Datasheet HTML 13Page - Texas Instruments OPA2690 Datasheet HTML 14Page - Texas Instruments OPA2690 Datasheet HTML 15Page - Texas Instruments OPA2690 Datasheet HTML 16Page - Texas Instruments OPA2690 Datasheet HTML 17Page - Texas Instruments OPA2690 Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 33 page
background image
OPA2822
14
SBOS188E
www.ti.com
APPLICATIONS INFORMATION
WIDEBAND NONINVERTING OPERATION
The OPA2822 provides a unique combination of features in
a wideband dual, unity-gain stable, voltage-feedback ampli-
fier to support the extremely high dynamic range require-
ments of emerging communications technologies. Combin-
ing low 2nV/
√Hz input voltage noise with harmonic distortion
performance that can exceed 100dBc SFDR through 2MHz,
the OPA2822 provides the highest dynamic range input
interface for emerging high speed 14-bit (and higher) con-
verters. To achieve this level of performance, careful atten-
tion to circuit design and board layout is required.
Figure 1 shows the gain of +2 configuration used as the basis
for the Electrical Characteristics table and most of the Typical
Characteristics at
±6V operation. While the characteristics are
given using split
±6V supplies, most of the electrical and typical
characteristics also apply to a single-supply +12V design where
the input and output operating voltages are centered at the
midpoint of the +12V supply. Operation at
±5V will very nearly
match that shown for the
±6V operating point. Most of the
reference curves were characterized using signal sources with
50
Ω driving impedance, and with measurement equipment
presenting a 50
Ω load impedance. In Figure 1, the 50Ω shunt
resistor at the VI terminal matches the source impedance of the
test signal generator, while the 50
Ω series resistor at the V
O
terminal provides a matching resistor for the measurement
equipment load. Generally, data sheet voltage swing specifica-
tions are at the output pin (VO in Figure 1), while output power
(dBm) specifications are at the matched 50
Ω load. The total
100
Ω load at the output, combined with the total 804Ω total
feedback network load for the noninverting configuration of
Figure 1, presents the OPA2822 with an effective output load of
89
Ω. While this is a good load value for frequency response
measurements, distortion will improve rapidly with lighter output
loads. Keeping the same feedback network and increasing the
load to 200
Ω will result in a total load of 160Ω for the distortion
performance reported in the Electrical Characteristics table.
For higher gains, the feedback resistor (RF) was held at 402Ω
and the gain resistor (RG) adjusted to develop the Typical
Characteristics.
Voltage-feedback op amps, unlike current-feedback designs,
can use a wide range of resistor values to set their gains. A low-
noise part like the OPA2822 will deliver low total output noise
only if the resistor values are kept relatively low. For the circuit
of Figure 1, the resistors contribute an input-referred voltage
noise component of 1.8nV/
√Hz, which is approaching the value
of the amplifier’s intrinsic 2nV/
√Hz. For a more complete
description of the feedback network’s impact on noise, see the
Setting Resistor Values to Minimize Noise section later in this
data sheet. In general, the parallel combination of RF and RG
should be < 300
Ω to retain the low-noise performance of the
OPA2822. However, setting these values too low can impair
distortion performance due to output loading, as shown in the
distortion versus load data in the Typical Characteristics.
WIDEBAND INVERTING OPERATION
Operating the OPA2822 as an inverting amplifier has several
benefits and is particularly appropriate as part of the hybrid
design in an xDSL receiver application. Figure 2 shows the
inverting gain of –1 circuit used as the basis of the inverting
mode Typical Characteristics.
In the inverting case, only the RF element of the feedback
network appears as part of the total output load in parallel
with the actual load. For the 100
Ω load used in the Typical
Characteristics, this gives an effective load of 86
Ω in this
inverting configuration. Gain resistor RG is set to achieve the
desired inverting gain (in this case 604
Ω for a gain of –1),
while an additional input matching resistor (RM) can be used
to set the total input impedance equal to the source if
desired. In this case, RM = 54.9Ω in parallel with the 604Ω
gain setting resistor yields a matched input impedance of
50
Ω. R
M is needed only when the input must be matched to
a source impedance, as in the characterization testing done
using the circuit of Figure 2.
FIGURE 1. Noninverting G = +2 Specification and Test
Circuit.
FIGURE 2. Inverting G = –1 Specification and Test
Circuit.
1/2
OPA2822
+5V
–5V
–V
S
+V
S
50
Ω
V
O
V
I
50
Ω
+
0.1
µF
+
6.8
µF
6.8
µF
R
G
402
Ω
R
F
402
Ω
50
Ω Source
50
Ω Load
0.1
µF
1/2
OPA2822
+5V
–5V
–V
S
+V
S
50
Ω
V
O
V
I
+
0.1
µF
+
6.8
µF
6.8
µF
R
M
54.9
Ω
R
S
309
Ω
R
F
604
Ω
50
Ω Source
50
Ω Load
0.1
µF
0.1
µF
R
G
604
Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com