Electronic Components Datasheet Search
  English  ▼

X  

OPA2690 Datasheet(PDF) 16 Page - Texas Instruments

Click here to check the latest version.
Part # OPA2690
Description  Dual, Wideband, Low-Noise Operational Amplifier
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OPA2690 Datasheet(HTML) 16 Page - Texas Instruments

Back Button OPA2690 Datasheet HTML 12Page - Texas Instruments OPA2690 Datasheet HTML 13Page - Texas Instruments OPA2690 Datasheet HTML 14Page - Texas Instruments OPA2690 Datasheet HTML 15Page - Texas Instruments OPA2690 Datasheet HTML 16Page - Texas Instruments OPA2690 Datasheet HTML 17Page - Texas Instruments OPA2690 Datasheet HTML 18Page - Texas Instruments OPA2690 Datasheet HTML 19Page - Texas Instruments OPA2690 Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 33 page
background image
OPA2822
16
SBOS188E
www.ti.com
The gain resistor (RG) is set to equal the feedback resistor (RF)
at 604
Ω to achieve the desired gain of –1 from V
I to VO. A DC
blocking capacitor is included in series with RG to reduce the DC
gain for the noninverting input bias and offset voltages to +1.
This places the VS/2 bias voltage at the output pin and reduces
the output DC offset error terms. The signal input impedance is
matched to the 50
Ω source using the additional R
M resistor set
to 54.9
Ω. At higher frequencies, the parallel combination of R
M
and RG provides the input impedance match at 50Ω. This is
principally used for test and characterization purposes—system
applications do not necessarily require this input impedance
match, particularly if the source device is physically near the
OPA2822 and/or does not require a 50
Ω input impedance
match. At higher gains, the signal source impedance will start to
materially impact the apparent noise gain (and hence, band-
width) of the OPA2822.
ADSL RECEIVE AMPLIFIER
One of the principal applications for the OPA2822 is as a low-
power, low-noise receive amplifier in ADSL modem designs.
Applications ranging from single +5V,
±5V, and up to single +12V
supplies can be well supported by the OPA2822. For higher
supplies, consider the dual, low-noise THS6062 ADSL receive
amplifier that can support up to
±15V supplies. Figure 5 shows a
typical ADSL receiver design where the OPA2822 is used as an
inverting summing amplifier to provide both driver output signal
cancellation and receive channel gain. In the circuit of Figure 5,
the driver differential output voltage is shown as VD, while the
receiver channel output is shown as VR.
The two sets of resistors, R1 and R2, are set to provide the
desired gain from the transformer windings for the signal
arriving on the line side of the transformer, and also to provide
nominal cancellation for the driver output signal (VD) to the
receiver output. Typically, the two RS resistors are set to
provide impedance matching through the transformer. This is
accomplished by setting RS = 0.5 • (RL/N2), where N is the
turns ratio used for the line driver design. If RS is set in this
fashion, and the actual twisted pair line shows the expected RL
impedance value, the voltage swing produced at VD will be cut
in half at the transformer input. In this case, setting R1 = 2 • R2
will achieve cancellation of the driver output signal at the
output of the receiver. Essentially, the driver output voltage
produces a current in R1 that is exactly matched by the current
pulled out of R2 due to the attenuated and inverted version of
the output signal at the transformer input. In actual practice, R1
and R2 are usually RC networks to achieve cancellation over
the frequency varying line impedance.
As the transformer turns ratio changes to support different line
driver and supply voltage combinations, the impact of receiver
amplifier noise changes. Typically, DSL systems incur a line
referred noise contribution for the receiver that can be com-
puted for the circuit of Figure 5. For example, targeting an
overall gain of 1 from the line to the receiver output, and
picking the input resistor R2, the remaining resistors will be set
by the driver cancellation and gain requirements. With the
resistor values set, a line referred noise contribution due to the
OPA2822 can be computed. R1 will be set to 2x the value of
R2, and the feedback resistor will be set to recover the gain
loss through the transformer. Table I shows the total line
referred noise floor (in dBm/Hz) using three different values for
R2 over a range of transformer turns ratio (where the amplifier
gain is adjusted at each turns ratio).
Table I shows that a lower transformer turns ratio results in
reduced line referred noise, and that the resistor noise will
start to degrade the noise at higher values—particularly in
going from 500
Ω to 1kΩ. In general, line referred noise floor
due to the receiver channel will not be the limit to ADSL
modem performance, if it is lower than –145dBm.
FIGURE 5. Example ADSL Receiver Amplifier.
NR2 = 200
R2 = 500
R2 = 1000
1
–151.5
–150.2
–148.5
1.5
–149.1
–147.6
–145.8
2
–147.2
–145.6
–143.7
2.5
–145.6
–144.0
–142.1
3
–144.3
–142.7
–140.7
3.5
–143.2
–141.5
–139.5
4
–142.2
–140.5
–138.4
4.5
–141.3
–139.5
–137.5
5
–140.4
–138.7
–136.6
TABLE I. Line Referred Noise dBm/Hz, Due to Receiver
Op Amp.
1:n
R
F
R
2
R
S
Driver
1/2
OPA2822
+5V
1/2
OPA2822
–5V
R
F
R
2
V
D
R
S
R
1
R
L
V
R
R
1
Line



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com