Electronic Components Datasheet Search
  English  ▼

X  

DS2172 Datasheet(PDF) 1 Page - Dallas Semiconductor

Part # DS2172
Description  Bit Error Rate Tester BERT
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS2172 Datasheet(HTML) 1 Page - Dallas Semiconductor

  DS2172 Datasheet HTML 1Page - Dallas Semiconductor DS2172 Datasheet HTML 2Page - Dallas Semiconductor DS2172 Datasheet HTML 3Page - Dallas Semiconductor DS2172 Datasheet HTML 4Page - Dallas Semiconductor DS2172 Datasheet HTML 5Page - Dallas Semiconductor DS2172 Datasheet HTML 6Page - Dallas Semiconductor DS2172 Datasheet HTML 7Page - Dallas Semiconductor DS2172 Datasheet HTML 8Page - Dallas Semiconductor DS2172 Datasheet HTML 9Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 21 page
background image
1 of 21
051700
FEATURES
Generates/Detects digital bit patterns for
analyzing, evaluating and troubleshooting
digital communications systems
Operates at speeds from DC to 52 MHz
Programmable polynomial length and
feedback taps for generation of any other
pseudorandom pattern up to 32 bits in length
including: 2
6-1, 29-1, 211-1, 215-1, 220-1, 223-1,
and 2
32-1
Programmable user-defined pattern and
length for generation of any repetitive pattern
up to 32 bits in length
Large 32-bit error count and bit count
registers
Software programmable bit error insertion
Fully independent transmit and receive
sections
8-bit parallel control port
Detects test patterns with bit error rates up to
10
-2
PIN ASSIGNMENT
ORDERING INFORMATION
DS2172T
(0
0 C to 700 C)
DS2172TN
(-40
0 C to + 850 C)
DESCRIPTION
The DS2172 Bit Error Rate Tester (BERT) is a software programmable test pattern generator, receiver,
and analyzer capable of meeting the most stringent error performance requirements of digital
transmission facilities.
Two categories of test pattern generation (Pseudo-random and Repetitive)
conform to CCITT/ITU O.151, O.152, O.153, and O.161 standards. The DS2172 operates at clock rates
ranging from DC to 52 MHz. This wide range of operating frequency allows the DS2172 to be used in
existing and future test equipment, transmission facilities, switching equipment, multiplexers, DACs,
Routers, Bridges, CSUs, DSUs, and CPE equipment.
The DS2172 user-programmable pattern registers provide the unique ability to generate loopback patterns
required for T1, Fractional-T1, Smart Jack, and other test procedures. Hence the DS2172 can initiate the
loopback, run the test, check for errors, and finally deactivate the loopback.
The DS2172 consists of four functional blocks: the pattern generator, pattern detector, error counter, and
control interface. The DS2172 can be programmed to generate any pseudorandom pattern with length up
to 2
32-1 bits (see Table 5, Note 9) or any user programmable bit pattern from 1 to 32 bits in length. Logic
inputs can be used to configure the DS2172 for applications requiring gap clocking such as Fractional-T1,
Switched-56, DDS, normal framing requirements, and per-channel test procedures. In addition, the
DS2172 can insert single or 10
-1 to 10-7 bit errors to verify equipment operation and connectivity.
DS2172
Bit Error Rate Tester (BERT)
www.dalsemi.com
TL
AD0
AD1
TEST
VSS
AD2
AD3
AD4
24
23
22
21
20
19
18
17
1
2
3
4
5
6
7
8
RL
RLOS
LC
VSS
VDD
INT
WR(R/W)
ALE(AS)
DS2172
32-Pin TQFP
9 10 11 12 13 14 15 16
32 31 30 29 28 27 26 25


Similar Part No. - DS2172

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS2172 MAXIM-DS2172 Datasheet
180Kb / 22P
Bit Error Rate Tester (BERT)
101000
More results

Similar Description - DS2172

ManufacturerPart #DatasheetDescription
logo
Dallas Semiconductor
DS21372 DALLAS-DS21372 Datasheet
214Kb / 21P
3.3V Bit Error Rate Tester BERT
logo
Agilent(Hewlett-Packard...
N2101B HP-N2101B Datasheet
255Kb / 4P
Bit Error Ratio Tester
logo
CML Microcircuits
EV9902A CMLMICRO-EV9902A Datasheet
484Kb / 23P
Measures Bit Error Rate
logo
Keysight Technologies
81250 KEYSIGHT-81250 Datasheet
2Mb / 64P
Agilent ParBERT 81250 Parallel Bit Error Ratio Tester
M8020A KEYSIGHT-M8020A Datasheet
5Mb / 36P
J-BERT M8020A High-Performance BERT
N4903B KEYSIGHT-N4903B Datasheet
5Mb / 26P
J-BERT N4903B High-Performance Serial BERT
M8070A KEYSIGHT-M8070A Datasheet
5Mb / 36P
J-BERT M8020A High-Performance BERT
logo
TEKTRONIX, INC.
BSX TEKTRONIX-BSX Datasheet
1Mb / 38P
Bit Error Rate Tester
logo
Maxim Integrated Produc...
DS2172 MAXIM-DS2172 Datasheet
180Kb / 22P
Bit Error Rate Tester (BERT)
101000
DS21372 MAXIM-DS21372 Datasheet
180Kb / 22P
3.3V Bit Error Rate Tester (BERT)
101000
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com