Electronic Components Datasheet Search
  English  ▼

X  

DS2172 Datasheet(PDF) 10 Page - Dallas Semiconductor

Part # DS2172
Description  Bit Error Rate Tester BERT
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS2172 Datasheet(HTML) 10 Page - Dallas Semiconductor

Back Button DS2172 Datasheet HTML 6Page - Dallas Semiconductor DS2172 Datasheet HTML 7Page - Dallas Semiconductor DS2172 Datasheet HTML 8Page - Dallas Semiconductor DS2172 Datasheet HTML 9Page - Dallas Semiconductor DS2172 Datasheet HTML 10Page - Dallas Semiconductor DS2172 Datasheet HTML 11Page - Dallas Semiconductor DS2172 Datasheet HTML 12Page - Dallas Semiconductor DS2172 Datasheet HTML 13Page - Dallas Semiconductor DS2172 Datasheet HTML 14Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 21 page
background image
DS2172
10 of 21
PSEUDORANDOM PATTERN GENERATION (PCR.5=1) Table 4
PATTERN TYPE
PTR
PLR
PSR3
PSR2
PSR1
PSR0
TINV
RINV
2
3 - 1
00
02
FFFF
FFFF
0
0
2
4 - 1
00
03
FFFF
FFFF
0
0
2
5 - 1
01
04
FFFF
FFFF
0
0
2
6 - 1
04
05
FFFF
FFFF
0
0
2
7 - 1
00
06
FFFF
FFFF
0
0
2
7 - 1
Fractional T1 LB Activate
03
06
FF
FF
FF
FF
0
0
2
7 - 1
Fractional T1 LB Deactivate
03
06
FF
FF
FF
FF
1
1
2
9 - 1
O.153 (511 type)
04
08
FF
FF
FF
FF
0
0
2
10 - 1
02
09
FFFF
FFFF
0
0
2
11 - 1
O.152 and O.153 (2047 type)
08
0A
FF
FF
FF
FF
0
0
2
15 - 1
O.151
0D
0E
FF
FF
FF
FF
1
1
2
17 - 1
02
10
FFFF
FFFF
0
0
2
18 - 1
06
11
FFFF
FFFF
0
0
2
20 - 1
O.153
02
13
FF
FF
FF
FF
0
0
2
20 - 1
O.151 QRSS (PCR.6=1)
10
13
FF
FF
FF
FF
0
0
2
21 - 1
01
14
FFFF
FFFF
0
0
2
22 - 1
00
15
FFFF
FFFF
0
0
2
23 - 1
O.151
11
16
FF
FF
FF
FF
1
1
2
25 - 1
02
18
FFFF
FFFF
0
0
2
28 - 1
02
1B
FFFF
FFFF
0
0
2
29 - 1
01
1C
FFFF
FFFF
0
0
2
31 - 1
02
1E
FFFF
FFFF
0
0
2
32 - 1
(see note below)
10
1F
FF
FF
FF
FF
0
0
REPETITIVE PATTERN GENERATION (PCR.5=0) Table 5
PATTERN TYPE
PTR
PLR
PSR3
PSR2
PSR1
PSR0
TINV
RINV
all 1s
00
00
FF
FF
FF
FF
0
0
all 0s
00
00
FF
FF
FF
FE
0
0
alternating 1s and 0s
00
01
FF
FF
FF
FE
0
0
double alternating 1s and 0s
00
03
FF
FF
FF
FC
0
0
3 in 24
00
17
FF
20
00
22
0
0
1 in 16
00
0F
FF
FF
00
01
0
0
1 in 8
00
07
FF
FF
FF
01
0
0
1 in 4
00
03
FF
FF
FF
F1
0
0
D4 Line Loopback Activate
00
04
FF
FF
FF
F0
0
0
D4 Line Loopback Deactivate
00
02
FF
FF
FF
FC
0
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com