Electronic Components Datasheet Search
  English  ▼

X  

DS2172 Datasheet(PDF) 19 Page - Dallas Semiconductor

Part # DS2172
Description  Bit Error Rate Tester BERT
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS2172 Datasheet(HTML) 19 Page - Dallas Semiconductor

Back Button DS2172 Datasheet HTML 13Page - Dallas Semiconductor DS2172 Datasheet HTML 14Page - Dallas Semiconductor DS2172 Datasheet HTML 15Page - Dallas Semiconductor DS2172 Datasheet HTML 16Page - Dallas Semiconductor DS2172 Datasheet HTML 17Page - Dallas Semiconductor DS2172 Datasheet HTML 18Page - Dallas Semiconductor DS2172 Datasheet HTML 19Page - Dallas Semiconductor DS2172 Datasheet HTML 20Page - Dallas Semiconductor DS2172 Datasheet HTML 21Page - Dallas Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 19 / 21 page
background image
DS2172
19 of 21
AC CHARACTERISTICS - RECEIVE SIDE
(0ºC TO 70ºC for DS2172T; VDD=5V
±10%;
-40ºC TO +85ºC for DS2172TN; VDD=5V
±10%)
PARAMETER
SYMBOL
MIN
TYP
MAX
UNITS
NOTES
RCLK Period
tCP
19
ns
RCLK Pulse Width
tCH
tCL
8
8
ns
ns
RDATA Set Up to RCLK Rising
tSU1
4ns
RDATA Hold from RCLK Rising
tHD1
0ns
RDIS Set Up to RCLK Rising
tSU2
4ns
RDIS Hold from RCLK Rising
tHD2
0ns
RL and LC Pulse Width
tWRL
25
ns
RCLK Rise and Fall Times
tR, tF
10
ns
1
AC CHARACTERISTICS - TRANSMIT SIDE
(0ºC TO 70ºC for DS2172T; VDD=5V
±10%;
-40ºC TO +85ºC for DS2172TN; VDD=5V
±10%)
PARAMETER
SYMBOL
MIN
TYP
MAX
UNITS
NOTES
TCLK Period
tCP
19
ns
TCLK Pulse Width
tCH
tCL
8
8
ns
ns
TDATA Delay from TCLK Rising
tDD
9ns
TDIS Set Up to TCLK Rising
tSU
4ns
TDIS Hold from TCLK Rising
tHD
0ns
TL Pulse Width
tWTL
15
ns
TL Set Up to TCLK Rising
tSTL
4ns
TL Hold Off from TCLK Rising
tHTL
0ns
TCLK Rise and Fall Time
tR, tF
10
ns
1
NOTE:
1. The maximum rise and fall time is either 10 ns or 10% of tCP whichever is less.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com