Electronic Components Datasheet Search
  English  ▼

X  

DS2172 Datasheet(PDF) 11 Page - Dallas Semiconductor

Part # DS2172
Description  Bit Error Rate Tester BERT
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS2172 Datasheet(HTML) 11 Page - Dallas Semiconductor

Back Button DS2172 Datasheet HTML 7Page - Dallas Semiconductor DS2172 Datasheet HTML 8Page - Dallas Semiconductor DS2172 Datasheet HTML 9Page - Dallas Semiconductor DS2172 Datasheet HTML 10Page - Dallas Semiconductor DS2172 Datasheet HTML 11Page - Dallas Semiconductor DS2172 Datasheet HTML 12Page - Dallas Semiconductor DS2172 Datasheet HTML 13Page - Dallas Semiconductor DS2172 Datasheet HTML 14Page - Dallas Semiconductor DS2172 Datasheet HTML 15Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 21 page
background image
DS2172
11 of 21
NOTES FOR TABLES 4 AND 5:
1. PTR = Polynomial Tap Register (address = 05)
2. PLR = Pattern Length Register (address = 04)
3. PSR3 = Pattern Set Register 3 (address = 00)
4. PSR2 = Pattern Set Register 2 (address = 01)
5. PSR1 = Pattern Set Register 1 (address = 02)
6. PSR0 = Pattern Set Register 0 (address = 03)
7. TINV = Transmit Data Inversion Select Bit (EIR.5)
8. RINV = Receive Data Inversion Select Bit (EIR.4)
9. For the 2
32 -1 pattern, the random pattern actually repeats every (4093 x 220) + 1046529 bits instead of
2
32 - 1.
8.0 BIT COUNT REGISTERS
The Bit Count Registers (BCR3 to BCR0) comprise a 32-bit count of bits (actually RCLK cycles)
received at RDATA. BC31 is the MSB of the 32-bit count. The bit counter increments for each cycle of
RCLK when input pin RDIS is low. The bit counter is disabled during loss of SYNC. The Status Register
bit BCOF is set when this 32-bit register overflows. Upon an overflow condition, the user must clear the
BCR by either toggling the LC bit or pin. The DS2172 latches the bit count into the BCR registers and
clears the internal bit count when either the PCR.4 bit or the LC input pin toggles from low to high. The
bit count and bit error count (available via the BECRs) are used by an external processor to compute the
BER performance on a loop or channel basis.
BIT COUNT REGISTERS
(MSB)
(LSB)
BC31
BC30
BC29
BC28
BC27
BC26
BC25
BC24
BCR3 (addr.=08 Hex)
BC23
BC22
BC21
BC20
BC19
BC18
BC17
BC16
BCR2 (addr.=09 Hex)
BC15
BC14
BC13
BC12
BC11
BC10
BC9
BC8
BCR1 (addr.=0A Hex)
BC7
BC6
BC5
BC4
BC3
BC2
BC1
BC0
BCR0 (addr.=0B Hex)
9.0 BIT ERROR COUNT REGISTERS
The Bit Error Count Registers (BECR3 to BECR0) comprise a 32-bit count of bits received in error at
RDATA. The bit error counter is disabled during loss of SYNC. BEC31 is the MSB of the 32-bit count.
The Status Register bit BECOF is set when this 32-bit register overflows. Upon an overflow condition,
the user must clear the BECR by either toggling the LC bit or pin. The DS2172 latches the bit error count
into the BECR registers and clears the internal bit error count when either the PCR.4 bit or the LC input
pin toggles from low to high. The bit count (available via the BCRs) and bit error count are used by an
external processor to compute the BER performance on a loop or channel basis.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com