Electronic Components Datasheet Search
  English  ▼

X  

DS2172 Datasheet(PDF) 5 Page - Dallas Semiconductor

Part # DS2172
Description  Bit Error Rate Tester BERT
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS2172 Datasheet(HTML) 5 Page - Dallas Semiconductor

  DS2172 Datasheet HTML 1Page - Dallas Semiconductor DS2172 Datasheet HTML 2Page - Dallas Semiconductor DS2172 Datasheet HTML 3Page - Dallas Semiconductor DS2172 Datasheet HTML 4Page - Dallas Semiconductor DS2172 Datasheet HTML 5Page - Dallas Semiconductor DS2172 Datasheet HTML 6Page - Dallas Semiconductor DS2172 Datasheet HTML 7Page - Dallas Semiconductor DS2172 Datasheet HTML 8Page - Dallas Semiconductor DS2172 Datasheet HTML 9Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 21 page
background image
DS2172
5 of 21
PIN
SYMBOL
TYPE
DESCRIPTION
24
RL
I
Receive Load. A positive-going edge loads the previous 32 bits of data
received at RDATA into the Pattern Receive Registers. RL is logically
OR’ed with control bit PCR.3. Should be tied to VSS if not used.
25
RDATA
I
Receive Data. Received NRZ serial data, sampled on the rising edge of
RCLK.
26
RDIS
I
Receive Disable. Set high to prevent the data at RDATA from being
sampled. Set low to allow bits at RDATA to be sampled. Should be tied
to VSS if not used. See Figure 6 for timing information. All receive side
operations are disabled when RDIS is high.
27
RCLK
I
Receive Clock. Input clock from transmission link. 0 to 52 MHz. Can be
a gapped clock. Fully independent from TCLK.
28
VDD
-
Positive Supply. 5.0V.
29
VSS
-
Signal Ground. 0.0V. Should be tied to local ground plane.
30
TCLK
I
Transmit Clock. Transmit demand clock. 0 to 52 MHz. Can be a gapped
clock. Fully independent of RCLK.
31
TDIS
I
Transmit Disable. Set high to hold the current bit being transmitted at
TDATA. Set low to allow the next bit to appear at TDATA. Should be
tied to VSS if not used. See Figure 7 for timing information. All transmit
side operations are disabled when TDIS is high.
32
TDATA
O
Transmit Data. Transmit NRZ serial data, updated on the rising edge of
TCLK.
DS2172 REGISTER MAP Table 2
ADDRESS
R/W
REGISTER NAME
ADDRESS
R/W
REGISTER NAME
00
R/W
Pattern Set Register 3.
0C
R
Bit Error Counter Register 3.
01
R/W
Pattern Set Register 2.
0D
R
Bit Error Counter Register 2.
02
R/W
Pattern Set Register 1.
0E
R
Bit Error Counter Register 1.
03
R/W
Pattern Set Register 0.
0F
R
Bit Error Counter Register 0.
04
R/W
Pattern Length Register.
10
R
Pattern Receive Register 3.
05
R/W
Polynomial Tap Register.
11
R
Pattern Receive Register 2.
06
R/W
Pattern Control Register.
12
R
Pattern Receive Register 1.
07
R/W
Error Insert Register.
13
R
Pattern Receive Register 0.
08
R
Bit Counter Register 3.
14
R
Status Register.
09
R
Bit Counter Register 2.
15
R/W
Interrupt Mask Register.
0A
R
Bit Counter Register 1.
1C
R/W
Test Register (see note 1)
0B
R
Bit Counter Register 0.
NOTE:
1. The Test Register must be set to 00 hex to insure proper operation of the DS2172.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com