Electronic Components Datasheet Search
  English  ▼

X  

DS2172 Datasheet(PDF) 12 Page - Dallas Semiconductor

Part # DS2172
Description  Bit Error Rate Tester BERT
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS2172 Datasheet(HTML) 12 Page - Dallas Semiconductor

Back Button DS2172 Datasheet HTML 8Page - Dallas Semiconductor DS2172 Datasheet HTML 9Page - Dallas Semiconductor DS2172 Datasheet HTML 10Page - Dallas Semiconductor DS2172 Datasheet HTML 11Page - Dallas Semiconductor DS2172 Datasheet HTML 12Page - Dallas Semiconductor DS2172 Datasheet HTML 13Page - Dallas Semiconductor DS2172 Datasheet HTML 14Page - Dallas Semiconductor DS2172 Datasheet HTML 15Page - Dallas Semiconductor DS2172 Datasheet HTML 16Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 21 page
background image
DS2172
12 of 21
BIT ERROR COUNT REGISTERS
(MSB)
(LSB)
BEC31
BEC30
BEC29
BEC28
BEC27
BEC26
BEC25
BEC24
BECR3
(addr.=0C Hex)
BEC23
BEC22
BEC21
BEC20
BEC19
BEC18
BEC17
BEC16
BECR2
(addr.=0D Hex)
BEC15
BEC14
BEC13
BEC12
BEC11
BEC10
BEC9
BEC8
BECR1
(addr.=0E Hex)
BEC7
BEC6
BEC5
BEC4
BEC3
BEC2
BEC1
BEC0
BECR0
(addr.=0F Hex)
10.0 PATTERN RECEIVE REGISTERS
The Pattern Receive Register (PRR) provides access to the data patterns received at RDATA. The
operation of these registers depends on the synchronization status of the DS2172. Asserting the RL bit
(PCR.3) or pin during an out-of -sync condition (SR.0 = 0) will latch the previous 32 bits of data received
at RDATA into the PRR registers. When the DS2172 is in sync (SR.0 = 1) asserting RL will latch the
pattern that to which the device has established synchronization. Since the receiver has no knowledge of
the start or end of the pattern, the data in the PRR registers will have no particular alignment. As an
example, if the receiver has synchronized to the pattern 00100110, PRR1 may report 10011000,
11000100 or any rotation thereof. Once synchronization is established, bit errors cannot be viewed in the
PRR registers.
PATTERN RECEIVE REGISTERS
(MSB)
(LSB)
PR31
PR30
PR29
PR28
PR27
PR26
PR25
PR24
PRR3 (addr.=10 Hex)
PR23
PR22
PR21
PR20
PR19
PR18
PR17
PR16
PRR2 (addr.=11 Hex)
PR15
PR14
PR13
PR12
PR11
PR10
PR9
PR8
PRR1 (addr.=12 Hex)
PR7
PR6
PR5
PR4
PR3
PR2
PR1
PR0
PRR0 (addr.=13 Hex)
11.0 STATUS REGISTER AND INTERRUPT MASK REGISTER
The Status Register (SR) contains information on the current real time status of the DS2172. When a
particular event has occurred, the appropriate bit in the register will be set to a 1. All of the bits in these
registers (except for the SYNC bit) operate in a latched fashion. This means that if an event occurs and a
bit is set to a 1 in any of the registers, it will remain set until the user reads that bit. For the BED, BCOF,
and BECOF status bits, they will be cleared when read and will not be set again until the event has
occurred again. For RLOS, RA0, and RA1 status bits, they will be cleared when read if the condition no
longer persists.
The SR register has the unique ability to initiate a hardware interrupt via the INT pin. Each of the alarms
and events in the SR can be either masked or unmasked from the interrupt pins via the Interrupt Mask
Register (IMR).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com