Electronic Components Datasheet Search
  English  ▼

X  

DS2172 Datasheet(PDF) 14 Page - Dallas Semiconductor

Part # DS2172
Description  Bit Error Rate Tester BERT
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS2172 Datasheet(HTML) 14 Page - Dallas Semiconductor

Back Button DS2172 Datasheet HTML 10Page - Dallas Semiconductor DS2172 Datasheet HTML 11Page - Dallas Semiconductor DS2172 Datasheet HTML 12Page - Dallas Semiconductor DS2172 Datasheet HTML 13Page - Dallas Semiconductor DS2172 Datasheet HTML 14Page - Dallas Semiconductor DS2172 Datasheet HTML 15Page - Dallas Semiconductor DS2172 Datasheet HTML 16Page - Dallas Semiconductor DS2172 Datasheet HTML 17Page - Dallas Semiconductor DS2172 Datasheet HTML 18Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 21 page
background image
DS2172
14 of 21
IMR: INTERRUPT MASK REGISTER (Address=15 Hex)
(MSB)
(LSB)
-
RA1
RA0
RLOS
BED
BCOF
BECOF
SYNC
SYMBOL
POSITION
NAME AND DESCRIPTION
-IMR.7
Not Assigned. Should be set to 0 when written to.
RA1
IMR.6
Receive All 1s.
0 = interrupt masked
1 = interrupt enabled
RA0
IMR.5
Receive All 0s.
0 = interrupt masked
1 = interrupt enabled
RLOS
IMR.4
Receive Loss Of Sync.
0 = interrupt masked
1 = interrupt enabled
BED
IMR.3
Bit Error Detection.
0 = interrupt masked
1 = interrupt enabled
BCOF
IMR.2
Bit Counter Overflow.
0 = interrupt masked
1 = interrupt enabled
BECOF
IMR.1
Bit Error Count Overflow.
0 = interrupt masked
1 = interrupt enabled
SYNC
IMR.0
Sync.
0 = interrupt masked
1 = interrupt enabled



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com