Electronic Components Datasheet Search
  English  ▼

X  

DS2172 Datasheet(PDF) 16 Page - Dallas Semiconductor

Part # DS2172
Description  Bit Error Rate Tester BERT
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS2172 Datasheet(HTML) 16 Page - Dallas Semiconductor

Back Button DS2172 Datasheet HTML 12Page - Dallas Semiconductor DS2172 Datasheet HTML 13Page - Dallas Semiconductor DS2172 Datasheet HTML 14Page - Dallas Semiconductor DS2172 Datasheet HTML 15Page - Dallas Semiconductor DS2172 Datasheet HTML 16Page - Dallas Semiconductor DS2172 Datasheet HTML 17Page - Dallas Semiconductor DS2172 Datasheet HTML 18Page - Dallas Semiconductor DS2172 Datasheet HTML 19Page - Dallas Semiconductor DS2172 Datasheet HTML 20Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 21 page
background image
DS2172
16 of 21
AC CHARACTERISTICS - PARALLEL PORT
(0ºC to 70ºC for DS2172T; VDD=5V
±10%;
-40ºC to +85ºC for DS2172TN; VDD=5V
±10%)
PARAMETER
SYMBOL
MIN
TYP
MAX
UNITS
NOTES
Cycle Time
tCYC
200
ns
Pulse Width, DS Low or RD High
PWEL
100
ns
Pulse Width, DS High or RD Low
PWEH
100
ns
Input Rise/Fall Times
tR, tF
20
ns
R/ W Hold Times
tRWH
10
ns
R/ W Setup Time Before DS High
tRWS
50
ns
CS
Setup Time Before DS, WR or RD
Active
tCS
20
ns
CS
Hold Time
tCH
0ns
Read Data Hold Time
tDHR
550
ns
Write Data Hold Time
tDHW
0ns
Mux'ed Address Valid to AS or ALE
Fall
tASL
15
ns
Mux'ed Address Hold Time
tAHL
10
ns
Delay Time DS, WR or RD to AS or
ALE Rise
tASD
20
ns
Pulse Width AS or ALE High
PWASH
30
ns
Delay Time, AS or ALE to DS, WR or
RD
tASED
10
ns
Output Data Delay Time from DS or
RD
tDDR
550
ns
Data Setup Time
tDSW
50
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com