Electronic Components Datasheet Search
  English  ▼

X  

ADDR15 Datasheet(PDF) 12 Page - List of Unclassifed Manufacturers

Part # ADDR15
Description  Figure 1 shows the NS7520 modules. Dashed lines indicate shared pins
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

ADDR15 Datasheet(HTML) 12 Page - List of Unclassifed Manufacturers

Back Button ADDR15 Datasheet HTML 8Page - List of Unclassifed Manufacturers ADDR15 Datasheet HTML 9Page - List of Unclassifed Manufacturers ADDR15 Datasheet HTML 10Page - List of Unclassifed Manufacturers ADDR15 Datasheet HTML 11Page - List of Unclassifed Manufacturers ADDR15 Datasheet HTML 12Page - List of Unclassifed Manufacturers ADDR15 Datasheet HTML 13Page - List of Unclassifed Manufacturers ADDR15 Datasheet HTML 14Page - List of Unclassifed Manufacturers ADDR15 Datasheet HTML 15Page - List of Unclassifed Manufacturers ADDR15 Datasheet HTML 16Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 68 page
background image
System Bu s interface
8
NS 75 20 Da ta shee t
03 /2 00 6
DATA19
H3
I/O
4
DATA18
H4
I/O
4
DATA17
H1
I/O
4
DATA16
H2
I/O
4
DATA15
G4
I/O
4
DATA14
G1
I/O
4
DATA13
G3
I/O
4
DATA12
G2
I/O
4
DATA11
F4
I/O
4
DATA10
F2
I/O
4
DATA9
F3
I/O
4
DATA8
E1
I/O
4
DATA7
E2
I/O
4
DATA6
E3
I/O
4
DATA5
D1
I/O
4
DATA4
C1
I/O
4
DATA3
B1
I/O
4
DATA2
D4
I/O
4
DATA1
D3
I/O
4
DATA0
C2
I/O
4
BE3_
D9
I/O
2
Byte enable D31:D24
BE2_
A9
I/O
2
Byte enable D23:D16
BE1_
C9
I/O
2
Byte enable D15:D08
BE0_
B9
I/O
2
Byte enable D07:D00
TS_
A8
I/O
4
DO NOT USE
Add an external 820 ohm pullup to 3.3 V.
TA_
D8 U
I/O
4
Data transfer acknowledge
Add an external 820 ohm pullup to 3.3 V.
TA_ is bidirectional. It is used in input mode to
terminate a memory cycle externally. It is used in
output mode for reference purposes only.
TEA_
C8 U
I/O
4
Data transfer error acknowledge
Add an external 820 ohm pullup to 3.3 V.
TEA_ is bidirectional. It is used in input mode to
terminate a memory cycle externally. It is used in
output mode for reference purposes only.
Symbol
Pin
I/O
OD
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com