Electronic Components Datasheet Search
  English  ▼

X  

ADDR15 Datasheet(PDF) 28 Page - List of Unclassifed Manufacturers

Part # ADDR15
Description  Figure 1 shows the NS7520 modules. Dashed lines indicate shared pins
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

ADDR15 Datasheet(HTML) 28 Page - List of Unclassifed Manufacturers

Back Button ADDR15 Datasheet HTML 24Page - List of Unclassifed Manufacturers ADDR15 Datasheet HTML 25Page - List of Unclassifed Manufacturers ADDR15 Datasheet HTML 26Page - List of Unclassifed Manufacturers ADDR15 Datasheet HTML 27Page - List of Unclassifed Manufacturers ADDR15 Datasheet HTML 28Page - List of Unclassifed Manufacturers ADDR15 Datasheet HTML 29Page - List of Unclassifed Manufacturers ADDR15 Datasheet HTML 30Page - List of Unclassifed Manufacturers ADDR15 Datasheet HTML 31Page - List of Unclassifed Manufacturers ADDR15 Datasheet HTML 32Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 68 page
background image
Absolute maximum ratings
24
NS 75 20 Da ta shee t
03 /2 00 6
Absolute maximum ratings
This table defines the maximum values for the voltages that the NS7520 can withstand without
being damaged.
Pad pullup and pulldown characteristics
Figure 5 illustrates characteristics for a pad with internal pullup; Figure 6 illustrates characteristics
for a pad with internal pulldown. See "Pinout detail tables," beginning on page 6, for information
about which pins use pullup and pulldown resistors.
Figure 5: Internal pullup characteristics
IIL
Input current as “0”
No pullup
10
10
μA
IOZ
HighZ leakage current
Any input
-10
10
μA
CIO
Pin capacitance
VO=0
7
pF
Sym
Parameter
Min
Max
VDD
Core supply voltage
-0.3
3.15
VCC
I/O supply voltage
-0.3
3.9
VIN
Input voltage
-0.3
3.9
VOUT
Output voltage
-0.3
3.9
Sym
Parameter
Conditions
Min
Typ
Max
Unit
Table 6: Recommended operating temperatures



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com