Electronic Components Datasheet Search
  English  ▼

X  

ADDR15 Datasheet(PDF) 65 Page - List of Unclassifed Manufacturers

Part # ADDR15
Description  Figure 1 shows the NS7520 modules. Dashed lines indicate shared pins
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

ADDR15 Datasheet(HTML) 65 Page - List of Unclassifed Manufacturers

Back Button ADDR15 Datasheet HTML 60Page - List of Unclassifed Manufacturers ADDR15 Datasheet HTML 61Page - List of Unclassifed Manufacturers ADDR15 Datasheet HTML 62Page - List of Unclassifed Manufacturers ADDR15 Datasheet HTML 63Page - List of Unclassifed Manufacturers ADDR15 Datasheet HTML 64Page - List of Unclassifed Manufacturers ADDR15 Datasheet HTML 65Page - List of Unclassifed Manufacturers ADDR15 Datasheet HTML 66Page - List of Unclassifed Manufacturers ADDR15 Datasheet HTML 67Page - List of Unclassifed Manufacturers ADDR15 Datasheet HTML 68Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 65 / 68 page
background image
Serial in te rn al/external tim i ng
ww w.d i gi .c om
61
Serial internal/external timing
Operating conditions:
Note:
SPI timing diagrams are in Chapter 10, "Serial Controller Module." See Figure 25, "SPI
master mode 0 and 1 two-byte transfer," on page 219 and Figure 26, "SPI slave mode 0
and 1 two-byte transfer," on page 222. Only SPI modes 0 and 1 are supported.
Serial internal timing characteristics
Serial external timing characteristics
Temperature:
-15.00 (min)
110.00 (max)
Voltage:
1.60 (min)
1.40 (max)
Output load:
25.0pf
Input drive:
CMOS buffer
Num
Description
Min
Max
Unit
76
SCLK to ENABLE high
1
TSCLK
77
SCLK to TXD (PORTA7/C7)
1 TSYS*ns
78
RXD (PORTA3/C3) setup to SCLK
1
ns
79
RXD hold to SCLK
1
ns
* The TSYS parameter represents one period of the internal system clock.
Num
Description
Min
Max
Unit
80
SCLK frequency
10
MHz
SCLK duty cycle
45
55
%
81
SCLK to ENABLE
1
TSCLK
82
SCLK to TXD (PORTA7/C7)
2TSYS*ns
83
RXD (PORTA3/C3) setup to SCLK
2
ns
84
RXD hold to SCLK
1.5
ns
* The TSYS parameter represents one period of the internal system clock.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com