Electronic Components Datasheet Search
  English  ▼

X  

ADDR15 Datasheet(PDF) 34 Page - List of Unclassifed Manufacturers

Part # ADDR15
Description  Figure 1 shows the NS7520 modules. Dashed lines indicate shared pins
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

ADDR15 Datasheet(HTML) 34 Page - List of Unclassifed Manufacturers

Back Button ADDR15 Datasheet HTML 30Page - List of Unclassifed Manufacturers ADDR15 Datasheet HTML 31Page - List of Unclassifed Manufacturers ADDR15 Datasheet HTML 32Page - List of Unclassifed Manufacturers ADDR15 Datasheet HTML 33Page - List of Unclassifed Manufacturers ADDR15 Datasheet HTML 34Page - List of Unclassifed Manufacturers ADDR15 Datasheet HTML 35Page - List of Unclassifed Manufacturers ADDR15 Datasheet HTML 36Page - List of Unclassifed Manufacturers ADDR15 Datasheet HTML 37Page - List of Unclassifed Manufacturers ADDR15 Datasheet HTML 38Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 68 page
background image
SRAM timing
30
NS 75 20 Da ta shee t
03 /2 00 6
SRAM timing
BCLK max frequency: 55.296 MHz
Operating conditions:
SRAM timing parameters
Temperature:
-15.00 (min)
110.00 (max)
Voltage:
1.60 (min)
1.40 (max)
Output load:
25.0pf
Input drive:
CMOS buffer
Num
Description
Min
Max
Unit
36
BCLK high to BE* valid
15.5
ns
6
BCLK high to address valid
5
13.5
ns
9
BCLK high to data out valid
14
ns
13
BCLK high to data out high impedance
13
ns
10
Data in valid to BCLK high (setup)
5
ns
11
BCLK high to data in invalid (hold)
3
ns
14
TA* valid to BCLK high (setup)
5
ns
15
BCLK high to TA* invalid (hold)
3
ns
27
BCLK high to CS* valid
12.5
ns
28
BCLK low to OE* valid
12.5
ns
29
BCLK low to WE* valid
13
ns
30
BCLK high to TA* valid
13.5
ns
31
BCLK high to TEA* valid
16
ns
18
BCLK low to A27 (CS0OE*) valid
13.5
ns
19
BCLK low A26 (CS0WE*) valid
13.5
ns
12
BCLK high to RW* valid
13.5
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com