Electronic Components Datasheet Search
  English  ▼

X  

ADDR15 Datasheet(PDF) 33 Page - List of Unclassifed Manufacturers

Part # ADDR15
Description  Figure 1 shows the NS7520 modules. Dashed lines indicate shared pins
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

ADDR15 Datasheet(HTML) 33 Page - List of Unclassifed Manufacturers

Back Button ADDR15 Datasheet HTML 29Page - List of Unclassifed Manufacturers ADDR15 Datasheet HTML 30Page - List of Unclassifed Manufacturers ADDR15 Datasheet HTML 31Page - List of Unclassifed Manufacturers ADDR15 Datasheet HTML 32Page - List of Unclassifed Manufacturers ADDR15 Datasheet HTML 33Page - List of Unclassifed Manufacturers ADDR15 Datasheet HTML 34Page - List of Unclassifed Manufacturers ADDR15 Datasheet HTML 35Page - List of Unclassifed Manufacturers ADDR15 Datasheet HTML 36Page - List of Unclassifed Manufacturers ADDR15 Datasheet HTML 37Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 68 page
background image
Reset_timing
ww w.d i gi .c om
29
Reset_timing
From a cold start, RESET_ must be asserted until all power supplies are above their specified
thresholds. An additional 8 microseconds is required for oscillator settling time (allow 40ms for
crystal startup).
Due to an internal three flip-flop delay on the external RESET_ signal, after the oscillator is
settled, RESET_ must be asserted for three periods of the XTALA1 clock in these situations:
Before release of reset after application of power
While valid power is maintained to initiate hot reset (reset while power is at or above
specified thresholds)
Before loss of valid power during power outage/power down
The PORTC4 output indicates the reset state of the chip. PORTC4 persists beyond the negation of
RESET_ for approximately 512 system clock cycles if the PLL is disabled. When the PLL is enabled,
PORTC4 persists beyond the negation of RESET_ to allow for PLL lock for 100 microseconds times
the ratio of the VCO to XTALA.
Reset timing parameters
Num
Description
Min
Typ
Max
Units
1
Power valid before reset negated
40
ms
Note: RESET_ should remain low
for at least 40ms after power
reaches 3.0V.
2
Reset asserted after power valid
3
TXTALA1
3
Reset asserted while power valid
3
TXTALA1
4
Reset asserted before power invalid
3
TXTALA1
4
3
3
2
1
VDD, VCC
XTALA1
RESET_



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com