Electronic Components Datasheet Search
  English  ▼

X  

ADDR15 Datasheet(PDF) 63 Page - List of Unclassifed Manufacturers

Part # ADDR15
Description  Figure 1 shows the NS7520 modules. Dashed lines indicate shared pins
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

ADDR15 Datasheet(HTML) 63 Page - List of Unclassifed Manufacturers

Back Button ADDR15 Datasheet HTML 59Page - List of Unclassifed Manufacturers ADDR15 Datasheet HTML 60Page - List of Unclassifed Manufacturers ADDR15 Datasheet HTML 61Page - List of Unclassifed Manufacturers ADDR15 Datasheet HTML 62Page - List of Unclassifed Manufacturers ADDR15 Datasheet HTML 63Page - List of Unclassifed Manufacturers ADDR15 Datasheet HTML 64Page - List of Unclassifed Manufacturers ADDR15 Datasheet HTML 65Page - List of Unclassifed Manufacturers ADDR15 Datasheet HTML 66Page - List of Unclassifed Manufacturers ADDR15 Datasheet HTML 67Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 68 page
background image
Ex te rna l DM A tim i ng
ww w.d i gi .c om
59
External DMA timing
BCLK max frequency: 55.296 MHz
Operating conditions:
External DMA timing parameters
Fly-by external DMA
Notes:
1
The memory signals are data[31:0], addr[27:0], BE[3:0], CS/RAS[4:0], CAS[3:0], RW, OE*. WE*,
and PORTC3/AMUX. The timing of these signals depends on how the memory is configured
(Sync SRAM, Async SRAM, FP DRAM, or SDRAM).
2
The DONE* signal works as an input only when the DMA channel is configured as fly-by write.
Temperature:
-15.00 (min)
110.00 (max)
Voltage:
1.60 (min)
1.40 (max)
Output load:
25.0pf
Input drive:
CMOS buffer
Num
Description
Min
Max
Unit
72
BCLK high to DACK* valid
14
ns
75
BCLK high to DONE* (output) valid
15
ns
70
DREQ* low to BCLK high (setup)
5
ns
71
BCLK high to DREQ* valid (hold)
0
ns
73
DONE* (input) valid BCLK high (setup)
5
ns
74
BLCK high to DONE* (input) valid (hold)
0
ns
T1
TW
T2
75
75
72
72
74
73
71
70
Note2
BCLK
Mem signals (Note-1)
DREQ*
DACK*
DONE* (output)
DONE* (input)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com