Electronic Components Datasheet Search
  English  ▼

X  

ADDR15 Datasheet(PDF) 41 Page - List of Unclassifed Manufacturers

Part # ADDR15
Description  Figure 1 shows the NS7520 modules. Dashed lines indicate shared pins
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

ADDR15 Datasheet(HTML) 41 Page - List of Unclassifed Manufacturers

Back Button ADDR15 Datasheet HTML 37Page - List of Unclassifed Manufacturers ADDR15 Datasheet HTML 38Page - List of Unclassifed Manufacturers ADDR15 Datasheet HTML 39Page - List of Unclassifed Manufacturers ADDR15 Datasheet HTML 40Page - List of Unclassifed Manufacturers ADDR15 Datasheet HTML 41Page - List of Unclassifed Manufacturers ADDR15 Datasheet HTML 42Page - List of Unclassifed Manufacturers ADDR15 Datasheet HTML 43Page - List of Unclassifed Manufacturers ADDR15 Datasheet HTML 44Page - List of Unclassifed Manufacturers ADDR15 Datasheet HTML 45Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 68 page
background image
SR AM ti mi ng
ww w.d i gi .c om
37
SRAM OE burst read
OE* controlled, four word (3-2-2-2), burst read (wait = 2, BCYC = 01)
Notes:
1
At least one null period occurs between memory transfers. More null periods can occur if the
next transfer is DMA. Thirteen clock pulses are required for DMA context switching.
2
Port size determines which byte enable signals are active:
–
8-bit port = BE3*
–
16-bit port = BE[3:0]
–
32-bit port = BE[3:0]
3
The TW cycles are present when the WAIT field is set to 2 or more.
4
The TA* and TEA*/LAST signals are for reference only.
T1
TW
T2
TW
T2
TW
T2
TW
T2
Note-1
T1
12
18
18
28
28
27
27
36
36
6
31
31
30
30
11
10
BCLK
TA* (Note-4)
TEA*/LAST (Note-4)
A[27:0]
BE[3:0]* (Note-2)
CS[4:0]*
read D[31:0]
Async OE*
CS0OE*
RW*



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com