Electronic Components Datasheet Search
  English  ▼

X  

ADDR15 Datasheet(PDF) 55 Page - List of Unclassifed Manufacturers

Part # ADDR15
Description  Figure 1 shows the NS7520 modules. Dashed lines indicate shared pins
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

ADDR15 Datasheet(HTML) 55 Page - List of Unclassifed Manufacturers

Back Button ADDR15 Datasheet HTML 51Page - List of Unclassifed Manufacturers ADDR15 Datasheet HTML 52Page - List of Unclassifed Manufacturers ADDR15 Datasheet HTML 53Page - List of Unclassifed Manufacturers ADDR15 Datasheet HTML 54Page - List of Unclassifed Manufacturers ADDR15 Datasheet HTML 55Page - List of Unclassifed Manufacturers ADDR15 Datasheet HTML 56Page - List of Unclassifed Manufacturers ADDR15 Datasheet HTML 57Page - List of Unclassifed Manufacturers ADDR15 Datasheet HTML 58Page - List of Unclassifed Manufacturers ADDR15 Datasheet HTML 59Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 68 page
background image
FP DRAM timing
ww w.d i gi .c om
51
FP DRAM write
Fast Page write
Notes:
1
If the next transfer is DMA, null periods between memory transfers can occur. Thirteen clock
pulses are required for DMA context switching.
2
Port size determines which byte enable signals are active:
–
8-bit port = BE3*
–
16-bit port = BE[3:2]
–
32-bit port = BE[3:0]
3
Port size determines which CAS signals are active:
–
8-bit port = CAS3*
–
16-bit port = CAS[3:2]
–
32-bit port = CAS[3:0]
4
The TA* and TEA*/LAST signals are for reference only.
T1
TW
T2
Note-1
T1
12
37
37
43
43
27
27
29
29
13
9
35
6
36
36
31
31
30
30
15
14
Note-2
Note-3
BCLK
TA* (Note-4)
TEA*/LAST (Note-4)
TA* (input)
BE[3:0]*
Non-muxed address
Muxed address
write D[31:0]
WE*
(FP)RAS[4:0]*
(FP)CAS[3:0]*
PortA2/AMUX
RW*



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com