Electronic Components Datasheet Search
  English  ▼

X  

EM78P860 Datasheet(PDF) 22 Page - ELAN Microelectronics Corp

Part # EM78P860
Description  8 -BIT MICRO-CONTROLLER
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMC [ELAN Microelectronics Corp]
Direct Link  http://www.emc.com.tw
Logo EMC - ELAN Microelectronics Corp

EM78P860 Datasheet(HTML) 22 Page - ELAN Microelectronics Corp

Back Button EM78P860 Datasheet HTML 18Page - ELAN Microelectronics Corp EM78P860 Datasheet HTML 19Page - ELAN Microelectronics Corp EM78P860 Datasheet HTML 20Page - ELAN Microelectronics Corp EM78P860 Datasheet HTML 21Page - ELAN Microelectronics Corp EM78P860 Datasheet HTML 22Page - ELAN Microelectronics Corp EM78P860 Datasheet HTML 23Page - ELAN Microelectronics Corp EM78P860 Datasheet HTML 24Page - ELAN Microelectronics Corp EM78P860 Datasheet HTML 25Page - ELAN Microelectronics Corp EM78P860 Datasheet HTML 26Page - ELAN Microelectronics Corp  
Zoom Inzoom in Zoom Outzoom out
 22 / 26 page
background image
EM78P860
8 -BIT MICRO-CONTROLLER
* This specification is subject to be changed without notice.
4.17.2000
22
4.
LCD Bias control
IOCE (Bias Control Register)
76
5
432
1
0
Bias3
Bias2
Bias1
Bit 2~4 (Bias1~Bias3) Control bits used to choose LCD operation voltage .
LCD operate voltage
Vop (VDD 5V)
VDD=5V
000
0.60 V
DD
3.0 V
001
0.66 V
DD
3.3 V
010
0.74 V
DD
3.7 V
011
0.82 V
DD
4.0 V
100
0.87 V
DD
4.4 V
101
0.93 V
DD
4.7 V
110
0.96 V
DD
4.8 V
111
1.00 V
DD
5.0 V
• Bit 5~7 unused
Fig. 16 LCD bias circuit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com