Electronic Components Datasheet Search
  English  ▼

X  

EM78P860 Datasheet(PDF) 9 Page - ELAN Microelectronics Corp

Part # EM78P860
Description  8 -BIT MICRO-CONTROLLER
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMC [ELAN Microelectronics Corp]
Direct Link  http://www.emc.com.tw
Logo EMC - ELAN Microelectronics Corp

EM78P860 Datasheet(HTML) 9 Page - ELAN Microelectronics Corp

Back Button EM78P860 Datasheet HTML 5Page - ELAN Microelectronics Corp EM78P860 Datasheet HTML 6Page - ELAN Microelectronics Corp EM78P860 Datasheet HTML 7Page - ELAN Microelectronics Corp EM78P860 Datasheet HTML 8Page - ELAN Microelectronics Corp EM78P860 Datasheet HTML 9Page - ELAN Microelectronics Corp EM78P860 Datasheet HTML 10Page - ELAN Microelectronics Corp EM78P860 Datasheet HTML 11Page - ELAN Microelectronics Corp EM78P860 Datasheet HTML 12Page - ELAN Microelectronics Corp EM78P860 Datasheet HTML 13Page - ELAN Microelectronics Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 26 page
background image
* This specification is subject to be changed without notice.
4.17.2000
EM78P860
8 -BIT MICRO-CONTROLLER
9
• Bit 6 :unused. Please set to ‘0’.
• Bit 7 (INT3) external INT3 pin interrupt flag.
• High to low edge trigger , Refer to the Interrupt subsection.
• IOCF is the interrupt mask register. User can read and clear.
14.
R10~R3F (General Purpose Register)
• R10~R3F (Banks 0~3) all are general purpose registers.
VII.2 Special Purpose Registers
1.
A (Accumulator)
• Internal data transfer, or instruction operand holding
• It’s not an addressable register.
2.
CONT (Control Register)
765
432
1
0
-
INT
TS
-
PAB
PSR2
PSR1
PSR0
• Bit 0 (PSR0) ~ Bit 2 (PSR2) TCC/WDT prescaler bits.
PSR2
PSR1
PSR0
TCC Rate
WDT Rate
0
0
0
1:2
1:1
0
0
1
1:4
1:2
0
1
0
1:8
1:4
0
1
1
1:16
1:8
1
0
0
1:32
1:16
1
0
1
1:64
1:32
1
1
0
1:128
1:64
1
1
1
1:256
1:128
• Bit 3 ( PAB ) : Prescaler assignment bit
0/1: TCC/WDT
• Bit 4 : unused
• Bit 5 ( TS ) : TCC signal source
0 : internal instruction cycle clock
1 : 16.38KHz
• Bit 6 (INT) : INT enable flag
0 : interrupt masked by DISI or hardware interrupt
1 : interrupt enabled by ENI/RETI instructions
• Bit 7 : unused
• CONT register is readable and writable.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com