Electronic Components Datasheet Search
  English  ▼

X  

EM78P860 Datasheet(PDF) 7 Page - ELAN Microelectronics Corp

Part # EM78P860
Description  8 -BIT MICRO-CONTROLLER
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMC [ELAN Microelectronics Corp]
Direct Link  http://www.emc.com.tw
Logo EMC - ELAN Microelectronics Corp

EM78P860 Datasheet(HTML) 7 Page - ELAN Microelectronics Corp

Back Button EM78P860 Datasheet HTML 3Page - ELAN Microelectronics Corp EM78P860 Datasheet HTML 4Page - ELAN Microelectronics Corp EM78P860 Datasheet HTML 5Page - ELAN Microelectronics Corp EM78P860 Datasheet HTML 6Page - ELAN Microelectronics Corp EM78P860 Datasheet HTML 7Page - ELAN Microelectronics Corp EM78P860 Datasheet HTML 8Page - ELAN Microelectronics Corp EM78P860 Datasheet HTML 9Page - ELAN Microelectronics Corp EM78P860 Datasheet HTML 10Page - ELAN Microelectronics Corp EM78P860 Datasheet HTML 11Page - ELAN Microelectronics Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 26 page
background image
* This specification is subject to be changed without notice.
4.17.2000
EM78P860
8 -BIT MICRO-CONTROLLER
7
Fig. 6 The relation between /LPD,/POVD
• Bit6(read/write)(PLL enable signal)
0/1=DISABLE/ENABLE
The relation between 32.768K and 3.679M can see Fig. 7.
Fig. 7 The relation between 32.768K and 3.679K .
• Bit7 IDLE: sleep mode selection bit
0/1=sleep mode/IDLE mode. This bit will decide SLEP instruction which mode to go.
These IDLE mode can be waken up by TCC clock or Watch Dog or PORT9 and run from “SLEP” next instruction.
These SLEEP mode can be waken up by Watch Dog or PORT9 and run from address “00”.
SLEEP mode
IDLE mode
GREEN mode
NORMAL mode
RA(7,6)=(0,0)
RA(7,6)=(1,0)
RA(7,6)=(x,0)
RA(7,6)=(x,1)
+ SLEP
+ SLEP
no SLEP
no SLEP
TCC time out
X
Wake-up
Interrupt
Interrupt
+ Interrupt
+ Next instruction
WDT time out
RESET
Wake-up
RESET
RESET
+ Next instruction
RESET
RESET
Port9 wake-up
RESET
Wake-up
+ Next instruction
• Bit4(Read Only)(Low battery signal) 0/1 = Battery voltage is low/Normal .
If the battery voltage is under 3.6V then sends a ‘0’ signal to RA register bit4 or a ‘1’ signal to this Bit if VDD
is over 3.8V.
• Bit5(read/Write)(Low battery detect enable)
0/1 = low battery detect DISABLE/ENABLE.
The relation between /LPD,/POVD and /LOW_BAT can see Fig 6.
Vdd
Vref
s2
1 on
0 off
s2
1 on
0 off
1 on
to Low bat
To rese
t
/POVD
/LPD
/LPD
+
-
1 on
32.768K
PLL
3.679M
/358E
switch
To system clock
0
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com