Electronic Components Datasheet Search
  English  ▼

X  

EM78P860 Datasheet(PDF) 3 Page - ELAN Microelectronics Corp

Part # EM78P860
Description  8 -BIT MICRO-CONTROLLER
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMC [ELAN Microelectronics Corp]
Direct Link  http://www.emc.com.tw
Logo EMC - ELAN Microelectronics Corp

EM78P860 Datasheet(HTML) 3 Page - ELAN Microelectronics Corp

  EM78P860 Datasheet HTML 1Page - ELAN Microelectronics Corp EM78P860 Datasheet HTML 2Page - ELAN Microelectronics Corp EM78P860 Datasheet HTML 3Page - ELAN Microelectronics Corp EM78P860 Datasheet HTML 4Page - ELAN Microelectronics Corp EM78P860 Datasheet HTML 5Page - ELAN Microelectronics Corp EM78P860 Datasheet HTML 6Page - ELAN Microelectronics Corp EM78P860 Datasheet HTML 7Page - ELAN Microelectronics Corp EM78P860 Datasheet HTML 8Page - ELAN Microelectronics Corp EM78P860 Datasheet HTML 9Page - ELAN Microelectronics Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 26 page
background image
* This specification is subject to be changed without notice.
4.17.2000
EM78P860
8 -BIT MICRO-CONTROLLER
3
WDT Timer
Control of
sleep and
wake-up
on I/O ports
IOC6
R6
PORT6
Instruction
Decoder
ROM
Interrupt
Controller
R1(TCC)
Oscillator/Timing
Control
Prescaler
RAM
R4
Instruction
register
R2
Stack
XIN
XOUT
DATA & CONTROL BUS
2.5K RAM
ACC
R3
R5
ALU
GENERAL
RAM
P60~P67
IOC7
R7
PORT7
P70~P77
IOC8
R8
PORT8
P80~P87
IOC9
R9
PORT9
P90~P97
VI.
PIN DESCRIPTIONS
Symbol
Type
Function
VDD
POWER
Power
GND
POWER
Gound
XTin
I
Input pin for 32.768 kHz oscillator
XTout
O
Output pin for 32.768 kHz oscillator
PLLC
I
Phase loop lock capacitor, connect a capacitor 0.01
µ to 0.047µ with GND
COM0..COM7
O
Common driver pins of LCD drivers
COM8..COM15
O (PORT6)
SEG0..SEG43
Segment driver pins of LCD drivers
SEG44..SEG51
O (PORT8)
SEG52..SEG59
O (PORT9)
PORT9 AS FUNCTION KEY CAN WAKE UP WATCHDOG.
INT0
PORT7(0)
PORT7(0)~PORT7(3) signal can be interrupt signals.
INT1
PORT7(1)
INT2
PORT7(2)
INT3
PORT7(3)
P7.0~P7.7
PORT7
PORT 7 can be INPUT or OUTPUT port each bit.
Internal Pull high function.
Key scan function.
Bit6,7 open drain function.
P6.0~P6.7
PORT6
PORT 6 can be INPUT or OUTPUT port each bit.
And shared with Common signal.
P8.0~P8.7
PORT8
PORT 8 can be INPUT or OUTPUT port each bit.
And shared with Common signal.
P9.0~P9.7
PORT9
PORT 9 can be INPUT or OUTPUT port each bit.
And shared with Common signal.
TEST
I
Test pin into test mode , normal low
RESET
I
Fig. 2 Functional block diagram2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com