Electronic Components Datasheet Search
  English  ▼

X  

EM78P860 Datasheet(PDF) 13 Page - ELAN Microelectronics Corp

Part # EM78P860
Description  8 -BIT MICRO-CONTROLLER
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMC [ELAN Microelectronics Corp]
Direct Link  http://www.emc.com.tw
Logo EMC - ELAN Microelectronics Corp

EM78P860 Datasheet(HTML) 13 Page - ELAN Microelectronics Corp

Back Button EM78P860 Datasheet HTML 9Page - ELAN Microelectronics Corp EM78P860 Datasheet HTML 10Page - ELAN Microelectronics Corp EM78P860 Datasheet HTML 11Page - ELAN Microelectronics Corp EM78P860 Datasheet HTML 12Page - ELAN Microelectronics Corp EM78P860 Datasheet HTML 13Page - ELAN Microelectronics Corp EM78P860 Datasheet HTML 14Page - ELAN Microelectronics Corp EM78P860 Datasheet HTML 15Page - ELAN Microelectronics Corp EM78P860 Datasheet HTML 16Page - ELAN Microelectronics Corp EM78P860 Datasheet HTML 17Page - ELAN Microelectronics Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 26 page
background image
* This specification is subject to be changed without notice.
4.17.2000
EM78P860
8 -BIT MICRO-CONTROLLER
13
VII.3 TCC/WDT Prescaler
There is an 8-bit counter available as prescaler for the TCC or WDT. The prescaler is available for the TCC only or
WDT only at the same time.
• An 8 bit counter is available for TCC or WDT determined by the status of the bit 3 (PAB) of the CONT
register.
• See the prescaler ratio in CONT register.
• Fig. 10 depicts the circuit diagram of TCC/WDT.
• Both TCC and prescaler will be cleared by instructions which write to TCC each time.
• The prescaler will be cleared by the WDTC and SLEP instructions, when assigned to WDT mode.
• The prescaler will not be cleared by SLEP instructions, when assigned to TCC mode.
WDTE
WDT timeout
PAB
PAB
MUX
8-to-1 MUX
PSR0~PSR2
8-bit Counter
M
U
X
0
1
WDT
PAB
TCC overflow interrupt
Data Bus
TCC(R1)
SYNC
2 cycle
M
U
X
M
U
X
1
0
0
1
TE
TS
TCC
(32K CLK)
CLK(=Fosc/2)
Fig. 10 Block diagram of TCC WDT
VII.4
I/O Ports
The I/O registers, Port 6 ~ Port 9, are bi-directional tri-state I/O ports. Port 7 can be pulled-high internally by software
control. The I/O ports can be defined as “input” or “output” pins by the I/O control registers (IOC6 ~ IOC9 ) under
program control. The I/O registers and I/O control registers are both readable and writable. The I/O interface circuit is
shown in Fig. 11.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com