Electronic Components Datasheet Search
  English  ▼

X  

EM78P860 Datasheet(PDF) 4 Page - ELAN Microelectronics Corp

Part # EM78P860
Description  8 -BIT MICRO-CONTROLLER
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMC [ELAN Microelectronics Corp]
Direct Link  http://www.emc.com.tw
Logo EMC - ELAN Microelectronics Corp

EM78P860 Datasheet(HTML) 4 Page - ELAN Microelectronics Corp

  EM78P860 Datasheet HTML 1Page - ELAN Microelectronics Corp EM78P860 Datasheet HTML 2Page - ELAN Microelectronics Corp EM78P860 Datasheet HTML 3Page - ELAN Microelectronics Corp EM78P860 Datasheet HTML 4Page - ELAN Microelectronics Corp EM78P860 Datasheet HTML 5Page - ELAN Microelectronics Corp EM78P860 Datasheet HTML 6Page - ELAN Microelectronics Corp EM78P860 Datasheet HTML 7Page - ELAN Microelectronics Corp EM78P860 Datasheet HTML 8Page - ELAN Microelectronics Corp EM78P860 Datasheet HTML 9Page - ELAN Microelectronics Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 26 page
background image
EM78P860
8 -BIT MICRO-CONTROLLER
* This specification is subject to be changed without notice.
4.17.2000
4
VII. FUNCTION DESCRIPTION
VII.1
Operational Registers
1. R0 (Indirect Addressing Register)
R0 is not a physically implemented register. It is useful as indirect addressing pointer. Any instruction using R0 as
register actually accesses data pointed by the RAM Select Register (R4).
2.
R1 (TCC)
• Increased by an internal signal edge applied to TCC , or by the instruction cycle clock.
• Written and read by the program as any other register.
3.
R2 (Program Counter)
• The structure is depicted in Fig. 4.
• Generates 16Kx13 on-chip ROM addresses to the relative programming instruction codes.
• ”JMP” instruction allows the direct loading of the low 10 program counter bits.
• “CALL” instruction loads the low 10 bits of the PC, PC+1, and then push into the stack..
• “RET’’ (“RETL k”, “RETI”) instruction loads the program counter with the contents at the top of stack.
• ”MOV R2,A” allows the loading of an address from the A register to the PC, and the ninth and tenth bits are cleared
to “0'’.
• “ADD R2,A” allows a relative address be added to the current PC, and contents of the ninth and tenth bits are
cleared to “0'’.
• “TBL” allows a relative address be added to the current PC, and contents of the ninth and tenth bits don’t change.
• The most significant bit (A10~A13) will be loaded with the content ofbit PS0~PS3 in the status register (R5)
upon the execution of a “JMP’’, “CALL’’, “ADD R2,A’’, or “MOV R2,A’’ instruction.
Fig. 4 Program counter organization
PC
A13 A12 A11 A10
A9 A8
RET
RETTL
RETI
CALL
A7~A0
Stack 1
Stack 2
Stack 3
Stack 4
Stack 5
Stack 6
Stack 7
Stack 8
0000 PAGE0 0000~03FF
0000 PAGE1 0400~07FF
1110 PAGE14 3800~3BFF
1111 PAGE15 3C00~3FFF
0000 PAGE2 0800~0BFF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com