Electronic Components Datasheet Search
  English  ▼

X  

EM78P860 Datasheet(PDF) 5 Page - ELAN Microelectronics Corp

Part # EM78P860
Description  8 -BIT MICRO-CONTROLLER
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMC [ELAN Microelectronics Corp]
Direct Link  http://www.emc.com.tw
Logo EMC - ELAN Microelectronics Corp

EM78P860 Datasheet(HTML) 5 Page - ELAN Microelectronics Corp

  EM78P860 Datasheet HTML 1Page - ELAN Microelectronics Corp EM78P860 Datasheet HTML 2Page - ELAN Microelectronics Corp EM78P860 Datasheet HTML 3Page - ELAN Microelectronics Corp EM78P860 Datasheet HTML 4Page - ELAN Microelectronics Corp EM78P860 Datasheet HTML 5Page - ELAN Microelectronics Corp EM78P860 Datasheet HTML 6Page - ELAN Microelectronics Corp EM78P860 Datasheet HTML 7Page - ELAN Microelectronics Corp EM78P860 Datasheet HTML 8Page - ELAN Microelectronics Corp EM78P860 Datasheet HTML 9Page - ELAN Microelectronics Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 26 page
background image
* This specification is subject to be changed without notice.
4.17.2000
EM78P860
8 -BIT MICRO-CONTROLLER
5
EVENT
T
P
REMARK
WDT TIME OUT
0
0
sleep mode
WDT time out (not sleep mode
0
1
/RESET wake up from sleep
1
0
power up
1
1
Low pulse on /RESET
x
x
x . . don't care
R0
R1(TCC)
R2(PC)
R3(STATUS)
R4(RSR)
R5(ROM PAGE)
R6(PORT6)
R7(PORT7)
R8(PORT8)
R9(PORT9)
RA(CLK)
RB()
RC(2.5K RAM ADRESS)
RD(2.5K RAM DATA)
RE
RF(INT FLAG)
00
01
02
03
04
05
06
07
08
09
0A
0B
0C
0D
0E
0F
10
:
1F
20
:
3F
16x8
Common
Register
IOC6
IOC7
IOC8
IOC9
IOCA
IOCB(LCD ADDRESS)
IOCC(LCD DATA)
IOCD(PULL HIGH)
IOCE(IO, LCD)
IOCF(INT CONTROL)
RC(ADDRESS) RD(DATA)
IOCB(COUNTER1)
IOCC(COUNTER2)
BANK0~BANK3
32X8 ~ 32X8
REGISTER
0
:
255
BAND1
256X8
BAND1
256X8
BAND10
256X8
page0
page1
. . . . . . . . . . . .
. . . . . . . . . . . .
ADDRESS
REGISTER
CONTROL REGISTER
(PAGE0)
CONTROL REGISTER
(PAGE1)
4.
R3 ( Status Register )
765
432
1
0
-
PAGE
-
T
P
Z
DC
C
• Bit 0 (C) :
Carry flag
• Bit 1 (DC) :
Auxiliary carry flag
• Bit 2 (Z) :
Zero flag
• Bit 3 (P) :
Power down bit. Set to 1 during power on or by a “WDTC” command and reset to 0 by a “SLEP”
command.
• Bit 4 (T) :
Time-out bit. Set to 1 by the “SLEP” and “WDTC” command, or during power up and reset to 0 by
WDT time out.
• Bit 5 : unused
• Bit 6 PAGE : changed IOCB~IOCE to another page, 0/1
→page0/page1
• Bit 7 unused
Fig. 5 Data memory configuration



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com