Electronic Components Datasheet Search
  English  ▼

X  

EM78P860 Datasheet(PDF) 6 Page - ELAN Microelectronics Corp

Part # EM78P860
Description  8 -BIT MICRO-CONTROLLER
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMC [ELAN Microelectronics Corp]
Direct Link  http://www.emc.com.tw
Logo EMC - ELAN Microelectronics Corp

EM78P860 Datasheet(HTML) 6 Page - ELAN Microelectronics Corp

Back Button EM78P860 Datasheet HTML 2Page - ELAN Microelectronics Corp EM78P860 Datasheet HTML 3Page - ELAN Microelectronics Corp EM78P860 Datasheet HTML 4Page - ELAN Microelectronics Corp EM78P860 Datasheet HTML 5Page - ELAN Microelectronics Corp EM78P860 Datasheet HTML 6Page - ELAN Microelectronics Corp EM78P860 Datasheet HTML 7Page - ELAN Microelectronics Corp EM78P860 Datasheet HTML 8Page - ELAN Microelectronics Corp EM78P860 Datasheet HTML 9Page - ELAN Microelectronics Corp EM78P860 Datasheet HTML 10Page - ELAN Microelectronics Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 26 page
background image
EM78P860
8 -BIT MICRO-CONTROLLER
* This specification is subject to be changed without notice.
4.17.2000
6
5.
R4 ( RAM Select Register )
• Bit 0 ~ 5 are used to select up to 64 register in the indirect addressing mode.
• Bit 6 ~ 7 determine which bank is actived among the 4 banks.
• See the configuration of the data memory in Fig. 4.
6.
R5 ( Program Page Select Register)
76
5
432
1
0
-
-
-
-
PS3
PS2
PS1
PS0
• Bit 0 (pS0) ~ 3 (PS3) Page selec bits.
Page select bits
PS3
PS2
PS1
PS0
program memory page (Address)
0000
Page 0
0001
Page 1
0010
Page 2
0011
Page 3
0100
Page 4
0101
page 5
0110
Page 6
0111
Page 7
1000
Page 8
1001
Page 9
1010
Page 10
1011
Page 11
1100
Page 12
1101
Page 13
1110
Page 14
1111
Page 15
• User can use PAGE instruction to change page. To maintain program page by user. Otherwise, user can use
far jump (FJMP) or far call (FCALL) instructions to program user's code. And the program page is maintained
by EMC's complier. It will change user's program by inserting instruction within program.
• Bit4~7 : unused
7.
R6 ~R9 ( Port 6 ~ Port 9)
• Five 8-bit I/O registers.
8.
RA
76
5
432
1
0
IDLE
/358E
/LPD
/LOW-BAT
0
0
0
0
• Bit0 ~ Bit3 unused, please set to "0"



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com