Electronic Components Datasheet Search
  English  ▼

X  

3049 Datasheet(PDF) 33 Page - Alpha Wire

Part # 3049
Description  Hook-Up Wire
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALPHAWIRE [Alpha Wire]
Direct Link  http://www.alphawire.com
Logo ALPHAWIRE - Alpha Wire

3049 Datasheet(HTML) 33 Page - Alpha Wire

Back Button 3049 Datasheet HTML 29Page - Alpha Wire 3049 Datasheet HTML 30Page - Alpha Wire 3049 Datasheet HTML 31Page - Alpha Wire 3049 Datasheet HTML 32Page - Alpha Wire 3049 Datasheet HTML 33Page - Alpha Wire 3049 Datasheet HTML 34Page - Alpha Wire 3049 Datasheet HTML 35Page - Alpha Wire 3049 Datasheet HTML 36Page - Alpha Wire 3049 Datasheet HTML 37Page - Alpha Wire Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 49 page
background image
Alpha Wire | www.alphawire.com | 1-800-52 ALPHA
Specifications subject to change. For complete specifications and availability, visit www.alphawire.com.
409
Wire > Hook-Up Wire
Hook-Up Wire
High Voltage, Silicone Rubber
UL AWM 3239
Operating Temperature
• -40°C to +150°C
Materials
• Stranded tinned copper
conductor
• Silicone rubber insulation
Availability
100 ft (30.5 m)
500 ft (152 m)
1000 ft (305 m)
UL 3239
White
Black
Red
Part No.
Wire Size
Stranding
Insulation
Thickness
Nominal
Diameter
Voltage
AWG
mm2
AWG
mm
Inch
mm
Inch
mm
392297
22
0.35
7/30
7 x 0.25
0.097
2.46
0.224
5.69
40 kV
392275
22
0.35
7/30
7 x 0.25
0.075
1.90
0.180
4.57
30 kV
392262
22
0.35
7/30
7 x 0.25
0.062
1.57
0.154
3.91
25 kV
392250
22
0.35
7/30
7 x 0.25
0.050
1.27
0.131
3.33
20 kV
392245
22
0.35
7/30
7 x 0.25
0.045
1.14
0.120
3.05
15 kV
392240
22
0.35
7/30
7 x 0.25
0.040
1.02
0.11
2.79
10 kV
392097
20
0.51
10/30
10 x 0.25
0.097
2.46
0.231
5.87
40 kV
392075
20
0.51
10/30
10 x 0.25
0.075
1.90
0.187
4.75
30 kV
392062
20
0.51
10/30
10 x 0.25
0.062
1.57
0.161
4.09
25 kV
392050
20
0.51
10/30
10 x 0.25
0.050
1.27
0.137
3.48
20 kV
392045
20
0.51
10/30
10 x 0.25
0.045
1.14
0.127
3.23
15 kV
392040
20
0.51
10/30
10 x 0.25
0.040
1.02
0.117
2.97
10 kV
391897
18
0.81
16/30
16 x 0.25
0.097
2.46
0.241
6.12
40 kV
391875
18
0.81
16/30
16 x 0.25
0.075
1.90
0.197
5.00
30 kV
391862
18
0.81
16/30
16 x 0.25
0.062
1.57
0.171
4.34
25 kV
391850
18
0.81
16/30
16 x 0.25
0.050
1.27
0.147
3.73
20 kV
391845
18
0.81
16/30
16 x 0.25
0.045
1.14
0.137
3.48
15 kV
391840
18
0.81
16/30
16 x 0.25
0.040
1.02
0.127
3.23
10 kV
391699
16
1.32
26/30
26 x 0.25
0.150
3.81
0.360
9.14
50 kV
391697
16
1.32
26/30
26 x 0.25
0.097
2.46
0.254
6.45
40 kV
391675
16
1.32
26/30
26 x 0.25
0.075
1.90
0.210
5.33
30 kV
391662
16
1.32
26/30
26 x 0.25
0.062
1.57
0.184
4.67
25 kV
391650
16
1.32
26/30
26 x 0.25
0.050
1.27
0.160
4.06
20 kV
391645
16
1.32
26/30
26 x 0.25
0.045
1.14
0.150
3.81
15 kV
391640
16
1.32
26/30
26 x 0.25
0.040
1.02
0.140
3.56
10 kV
391499
14
2.08
41/30
41 x 0.25
0.150
3.81
0.374
9.50
50 kV
391497
14
2.08
41/30
41 x 0.25
0.097
2.46
0.268
6.81
40 kV
391475
14
2.08
41/30
41 x 0.25
0.075
1.90
0.224
5.69
30 kV
391462
14
2.08
41/30
41 x 0.25
0.062
1.57
0.198
5.03
25 kV
391450
14
2.08
41/30
41 x 0.25
0.050
1.27
0.174
4.42
20 kV
391445
14
2.08
41/30
41 x 0.25
0.045
1.14
0.164
4.17
15 kV
391440
14
2.08
41/30
41 x 0.25
0.040
1.02
0.154
3.91
10 kV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com