Electronic Components Datasheet Search
  English  ▼

X  

3049 Datasheet(PDF) 19 Page - Alpha Wire

Part # 3049
Description  Hook-Up Wire
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALPHAWIRE [Alpha Wire]
Direct Link  http://www.alphawire.com
Logo ALPHAWIRE - Alpha Wire

3049 Datasheet(HTML) 19 Page - Alpha Wire

Back Button 3049 Datasheet HTML 15Page - Alpha Wire 3049 Datasheet HTML 16Page - Alpha Wire 3049 Datasheet HTML 17Page - Alpha Wire 3049 Datasheet HTML 18Page - Alpha Wire 3049 Datasheet HTML 19Page - Alpha Wire 3049 Datasheet HTML 20Page - Alpha Wire 3049 Datasheet HTML 21Page - Alpha Wire 3049 Datasheet HTML 22Page - Alpha Wire 3049 Datasheet HTML 23Page - Alpha Wire Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 49 page
background image
Alpha Wire | www.alphawire.com | 1-800-52 ALPHA
Specifications subject to change. For complete specifications and availability, visit www.alphawire.com.
395
Wire > Hook-Up Wire > 600 V
Hook-Up Wire
600 V, XLPE
UL AWM 3173, 3195, 3196
UL SIS
CSA AWM I A/B
CSA CL 1251 XLPE
Operating Temperature
• -20°C to +125°C
Materials
• Stranded or solid tinned
copper conductor
• Slate cross-linked polyethylene
insulation
Availability
100 ft (30.5 m)
500 ft (152 m)
1000 ft (305 m)
Part No.
Wire Size
Stranding
Insulation Thickness
Nominal Diameter
UL Style
AWG
mm2
AWG
mm
Inch
mm
Inch
mm
M4030
18
0.81
16/30
16 x 0.25
0.031
0.79
0.110
2.79
3173
M4010
18
0.90
7/26
7 x 0.48
0.031
0.79
0.112
2.84
3173
M4001
18
0.82
Solid
1 x 1.02
0.031
0.79
0.105
2.67
3173
M4011
16
1.43
7/24
7 x 0.51
0.031
0.79
0.123
3.12
3173
M4002
16
1.31
Solid
1 x 1.29
0.031
0.79
0.115
2.92
3173
M4012
14
2.29
7/22
7 x 0.64
0.031
0.79
0.140
3.56
SIS, 3173
M4003
14
2.08
Solid
1 x 1.63
0.031
0.79
0.130
3.30
SIS, 3173
M4013
12
3.29
19/0.0185
19 x 0.47
0.031
0.79
0.160
4.06
SIS, 3173
M4004
12
3.31
Solid
1 x 2.06
0.031
0.79
0.150
3.81
SIS, 3173
M4014
10
5.28
19/0.0234
19 x 0.59
0.031
0.79
0.180
4.57
SIS, 3173
M4005
10
5.26
Solid
1 x 2.59
0.031
0.79
0.170
4.32
SIS, 3173
M4035
8
8.63
133/29
133 x 0.29
0.047
1.19
0.270
6.86
SIS, 3195
M4015
8
8.38
19/0.0295
19 x 0.75
0.047
1.19
0.250
6.35
SIS, 3195
M4036
6
13.6
133/27
133 x 0.36
0.062
1.57
0.340
8.64
SIS, 3196
M4016
6
13.3
19/0.0372
19 x 0.94
0.062
1.57
0.320
8.13
SIS, 3196
M4037
4
21.6
133/25
133 x 0.45
0.062
1.57
0.400
10.16
SIS, 3196



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com