Electronic Components Datasheet Search
  English  ▼

X  

3049 Datasheet(PDF) 47 Page - Alpha Wire

Part # 3049
Description  Hook-Up Wire
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALPHAWIRE [Alpha Wire]
Direct Link  http://www.alphawire.com
Logo ALPHAWIRE - Alpha Wire

3049 Datasheet(HTML) 47 Page - Alpha Wire

Back Button 3049 Datasheet HTML 41Page - Alpha Wire 3049 Datasheet HTML 42Page - Alpha Wire 3049 Datasheet HTML 43Page - Alpha Wire 3049 Datasheet HTML 44Page - Alpha Wire 3049 Datasheet HTML 45Page - Alpha Wire 3049 Datasheet HTML 46Page - Alpha Wire 3049 Datasheet HTML 47Page - Alpha Wire 3049 Datasheet HTML 48Page - Alpha Wire 3049 Datasheet HTML 49Page - Alpha Wire  
Zoom Inzoom in Zoom Outzoom out
 47 / 49 page
background image
Alpha Wire | www.alphawire.com | 1-800-52 ALPHA
Specifications subject to change. For complete specifications and availability, visit www.alphawire.com.
423
Wire > Hook-Up Wire > Dearborn™ Bulk Hook-Up Wire
Dearborn™ Bulk Hook-Up Wire
We support your high-volume
needs with large put-ups for a
wide range of both military and
UL style PVC hook-up wire.
Dearborn bulk wire has the same
high quality as all Alpha wire and
cable, but is available in put-ups of
5000 ft (1524 m) and above. Many
styles are available in barrel packs
as well.
Bulk PVC wire options include:
• Stranded and solid conductors
• Bare or tinned copper
• Standard and semirigid PVC
• Variety of temperature ranges
Style
Insulation
AWG Range
Temperature
MIL-DTL-16878/1 (Type B)
PVC
32 – 14
-55°C to +105°C
MIL-DTL-16878/2 (Type C)
PVC
24 – 22
-55°C to +105°C
MIL-DTL-16878/3 (Type D)
PVC
16
-20°C to +105°C
MIL-W-76 Type MWP
PVC
24, 12
-55°C to +90°C
UL AWM 1007
PVC
24 - 10
-20°C to +80°C
UL AWM 1028
PVC
24 - 10
-20°C to +105°C
UL AWM 1061
SR-PVC
30 - 20
-10°C to +80°C
UL AWM 1231
PVC
24 - 10
-20°C to +105°C
UL AWM 1569
PVC
28 - 16
-20°C to +105°C
UL AWM 1581
PVC
28 - 16
-20°C to +80°C
UL MTW
PVC
20 – 10
-20°C to +90°C
UL TW
PVC
24 - 10
-20°C to +60°C
Popular Bulk Wire Styles
For more styles and conductor options please contact your Alpha Wire
Sales Representative.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com