Electronic Components Datasheet Search
  English  ▼

X  

3049 Datasheet(PDF) 42 Page - Alpha Wire

Part # 3049
Description  Hook-Up Wire
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALPHAWIRE [Alpha Wire]
Direct Link  http://www.alphawire.com
Logo ALPHAWIRE - Alpha Wire

3049 Datasheet(HTML) 42 Page - Alpha Wire

Back Button 3049 Datasheet HTML 38Page - Alpha Wire 3049 Datasheet HTML 39Page - Alpha Wire 3049 Datasheet HTML 40Page - Alpha Wire 3049 Datasheet HTML 41Page - Alpha Wire 3049 Datasheet HTML 42Page - Alpha Wire 3049 Datasheet HTML 43Page - Alpha Wire 3049 Datasheet HTML 44Page - Alpha Wire 3049 Datasheet HTML 45Page - Alpha Wire 3049 Datasheet HTML 46Page - Alpha Wire Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 49 page
background image
Alpha Wire | www.alphawire.com | 1-800-52 ALPHA
Specifications subject to change. For complete specifications and availability, visit www.alphawire.com.
418
Wire > Hook-Up Wire > EcoWire > 600 V
Hook-Up Wire
EcoWire™
600 V, mPPE
UL AWM 11028 VW-1
CSA AWM I A/B FT1
CE compliant
Operating Temperature
• -40°C to +105°C
Materials
• Stranded or solid tinned
copper conductors
• Modified polyphenylene
ether insulation
Availability
100 ft (30.5 m)
1000 ft (305 m)
Innovative EcoWire combines
increased performance with a
minimized environmental impact.
EcoWire’s modified polyphenylene
ether (mPPE) insulation is
inherently lighter, tougher, and
more durable than PVC. The
result is UL AWM wire that is up
to 45% smaller in diameter and
40% lighter than PVC-based
counterparts, while offering 10x
better abrasion resistance. Plus,
the non-halogenated insulation
contains no heavy metal
pigments, allowing it to help
manufacturers meet Waste
Electrical and Electronic
Equipment (WEEE) requirements.
Part No.
Conductor Size
Stranding
Insulation Thickness
Wire Diameter
AWG
mm2
AWG
mm
Inch
mm
Inch
mm
6710
28
0.07
7/36
7 x 0.12
0.010
0.25
0.034
0.86
6711
26
0.14
7/34
7 x 0.16
0.010
0.25
0.038
0.97
6712
24
0.22
7/32
7 x 0.20
0.010
0.25
0.043
1.09
6713
22
0.35
7/30
7 x 0.25
0.010
0.25
0.049
1.24
6714
20
0.51
10/30
10 x 0.25
0.010
0.25
0.055
1.40
6715
18
0.81
16/30
16 x 0.25
0.010
0.25
0.067
1.70
6715S
18
0.82
Solid
Solid
0.010
0.25
0.059
1.50
6716
16
1.32
26/30
26 x 0.25
0.011
0.28
0.081
2.06
6717
14
2.09
41/30
41 x 0.25
0.011
0.28
0.096
2.44
6717S
14
2.08
Solid
Solid
0.011
0.28
0.086
2.18
6718
12
3.31
65/30
65 x 0.25
0.012
0.30
0.117
2.97
6719
10
5.37
105/30
105 x 0.25
0.012
0.30
0.144
3.66
White
Yellow
Slate
Black
Blue
Violet
Red
Brown
Green/Yellow
Green
Orange



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com